Electronic Components Datasheet Search
  English  ▼

X  

4POSTRAILSM Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # 4POSTRAILSM
Description  4-Post Rack-Mount Installation Kit for Select Rack-Mount UPS Systems, Side Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

4POSTRAILSM Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  4POSTRAILSM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved 4POSTRAILSM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
4-Post Rack-Mount Installation Kit for Select
Rack-Mount UPS Systems, Side Mount
MODEL NUMBER: 4POSTRAILSM
Installs on the outside edges of your 4-post rack’s vertical mounting rails as extra support for a rack-mount
UPS system or other networking or power protection equipment 17.5 in. wide.
Description
The 4POSTRAILSM 4-Post Rack-Mount Installation Kit supports heavy UPS systems in your EIA-
standard four-post rack. The two L brackets mount to the outside edges of the rack’s vertical mounting
rails – the edges facing the side panels – using the rails’ square mounting holes. Attaching the
4POSTRAILSM to the side leaves your front and rear mounting holes free for equipment.
The brackets support up to 250 pounds and are compatible with four-post racks with a mounting depth of
16.5 to 21.5 inches. In addition to UPS systems, the 4POSTRAILSM is compatible with other heavy
networking or power protection equipment with a rectangular chassis of 17.5 inches in width. Rack-
attachment hardware for square-hole mounting is included.
Features
Extra Support for Heavy UPS Systems
Installs on outside edges of rack’s vertical mounting rails
q
Compatible with EIA-standard 4-post racks with mounting depths of 16.5–21.5 in.
q
Leaves front and rear mounting holes free for equipment
q
Supports up to 250 lb.
q
Also supports other heavy networking or power protection equipment 17.5 in. wide
q
Rack-attachment hardware for square-hole mounting included
q
Highlights
Supports UPS systems in EIA-
standard 4-post racks
q
Supports up to 250 lb.
q
Compatible with mounting
depths of 16.5–21.5 in.
q
Leaves front and rear mounting
holes free for equipment
q
Includes rack-attachment
hardware for square-hole
mounting
q
Package Includes
(2) L brackets
q
(8) M6 screws
q
(8) M6 cup washers
q
(8) M6 cage nuts
q
1 / 2


Similar Part No. - 4POSTRAILSM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
4POSTRAILKIT TRIPPLITE-4POSTRAILKIT Datasheet
471Kb / 2P
4-Post Rack-Mount Installation Kit of select Rack-Mount UPS Systems
4POSTRAILKIT1U TRIPPLITE-4POSTRAILKIT1U Datasheet
484Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit
4POSTRAILKITHD TRIPPLITE-4POSTRAILKITHD Datasheet
152Kb / 2P
SmartRack Mounting Rail Kit - enables 4-Post Rackmount Installation of select UPS Systems
4POSTRAILKITWM TRIPPLITE-4POSTRAILKITWM Datasheet
165Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit for Wall-Mount Racks
More results

Similar Description - 4POSTRAILSM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
2POSTRMKITHD TRIPPLITE-2POSTRMKITHD Datasheet
477Kb / 2P
2-Post Rack-Mount Installation Kit of 3U and Larger
2POSTRMKITWM TRIPPLITE-2POSTRMKITWM Datasheet
479Kb / 2P
2-Post Rack-Mount or Wall-Mount Adapter Kit for select Rack-Mount UPS Systems
4POSTRAILKIT TRIPPLITE-4POSTRAILKIT Datasheet
471Kb / 2P
4-Post Rack-Mount Installation Kit of select Rack-Mount UPS Systems
4POSTRAILKIT1U TRIPPLITE-4POSTRAILKIT1U Datasheet
484Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit
UPSWM TRIPPLITE-UPSWM Datasheet
472Kb / 2P
Wall-Mount Bracket and Installation Accessories for select UPS Systems
logo
Cherry Semiconductor Co...
G84-4100 CHERRY-G84-4100 Datasheet
2Mb / 2P
Rack Mount Systems
logo
Tripp Lite. All Rights ...
BP24V28-2U TRIPPLITE-BP24V28-2U Datasheet
157Kb / 3P
External 24V 2U Rack-mount Battery Pack for select Tripp Lite UPS Systems
BP24V36-2US TRIPPLITE-BP24V36-2US Datasheet
162Kb / 3P
External 24V 2U Rack-Mount Battery Pack for select Tripp Lite UPS Systems
4POSTRAILKITWM TRIPPLITE-4POSTRAILKITWM Datasheet
165Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit for Wall-Mount Racks
2POSTRMKITMB TRIPPLITE-2POSTRMKITMB Datasheet
81Kb / 2P
2-Post Rack-Mount Installation Kit for Select Tripp Lite SmartOnline UPS Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com