Electronic Components Datasheet Search
  English  ▼

X  

CP105H Datasheet(PDF) 2 Page - CUI INC

Part # CP105H
Description  PELTIER MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP105H Datasheet(HTML) 2 Page - CUI INC

  CP105H Datasheet HTML 1Page - CUI INC CP105H Datasheet HTML 2Page - CUI INC CP105H Datasheet HTML 3Page - CUI INC CP105H Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
date 05/21/2018
│ page 2 of 4
CUI Inc
│ SERIES: CP105H │ DESCRIPTION: PELTIER MODULE
COLD SIDE
HOT SIDE
0.05
0.05
3.3 ±0.1
COLD SIDE
Black (-)
Red (+)
40 ±0.3
40 ±0.3
100.0 5.0
10 ±0.3
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
soldermeltingtemperature
connectionbetweenthermoelectricpairs
235
°C
assemblycompression
1
MPa
hot side plate
100
°C
RoHS
2011/65/EU
MECHANICAL DRAWING
units: mm
MATERIAL
PLATING
ceramic plate
96%AL
2O3
wireleads
20AWG
tin
sealer
siliconrubber703RTV(betweencold
and hot side plates)
joint cover
siliconrubber703RTV
marking
P/N&S/Nprintedoncoldside
surface
For more information, please visit the product page
|
For information on related products, view our Thermal Pads



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com