Electronic Components Datasheet Search
  English  ▼

X  

HAC250P Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HAC250P
Description  250W 3U X 8HP EUROCARD PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HAC250P Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HAC250P Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HAC250P Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-2-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 666.0 g (23.5 Oz.)
QUAD OUTPUT
MAIN +VO1 @★#≡⊙
AUX. +VO2 ▲@★#≡⊙
AUX. +VO3 ▲≡#⊙★@
AUX. –VO4 ●⊙★■=
MODEL NO.
Min. Typ. Volt. Max. Min. Typ. Volt. Max. Min. Typ. Volt. Max. Pk. Min. Typ. Volt. Max. Pk.
HAC250P-490(E)
0-2A
25A
+5V
33A
0A
18A +3.3V 33A
0A
5A +12V 5.5A 6A
0A
0.5A -12V 1A 1.5A
HAC250P-490(O)
0-2A
25A
+5V
33A
0A
18A +3.3V 33A
0A
5A +12V 5.5A 6A
0A
0.5A -12V 1A 1.5A
Symbol: "★" OVP built-in. "@" Adjustable. "#" Remote sensing. "≡" 3rd-wire Load Sharing. "=" Droop Current Sharing.
"⊙" Installed with Or-ing diode. "▲" Magnetic Amplifier. "●" Installed with Post-regulator. "■" Common Choke.
Remark: 1.Peak load less than 60sec. with duty cycle <10%.
2.Max. load is the continuous operating load of each rail. But the max. load of each rail can't be drawn from all outputs at the same time.
3.Please consult the factory if you have the special min load request of VO1.
INPUT & OUTPUT CONNECTORS
PIN ASSIGNMENT
ASSIGNMENT
PIN NO.
AC-L
47
AC-N
46
AC-GND
45
VO1
1,2,3,4.
VO1 S +
30
VO1 S -
34
VO1 ADJ.
29
VO1 C.S.
35
VO2
13, 14, 15,
16, 17, 18.
VO2 S+
33
VO2 ADJ
32
VO2 C.S.
41
VO3
20
VO3 S+
36
VO3 C.S.
44
VO4
21
DC COM
5, 6, 7, 8, 9, 10, 11, 12,
19 ,24.
EN#
27
DEG #
38
INH #
39
FAL #
42
Mating connector: PCIH47F400A1
HAC250P-490(E)
HAC250P-490(O)
DERATING CURVE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com