Electronic Components Datasheet Search
  English  ▼

X  

74LVC16373ADGG Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74LVC16373ADGG
Description  16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16373ADGG Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74LVC16373ADGG Datasheet HTML 9Page - NXP Semiconductors 74LVC16373ADGG Datasheet HTML 10Page - NXP Semiconductors 74LVC16373ADGG Datasheet HTML 11Page - NXP Semiconductors 74LVC16373ADGG Datasheet HTML 12Page - NXP Semiconductors 74LVC16373ADGG Datasheet HTML 13Page - NXP Semiconductors 74LVC16373ADGG Datasheet HTML 14Page - NXP Semiconductors 74LVC16373ADGG Datasheet HTML 15Page - NXP Semiconductors 74LVC16373ADGG Datasheet HTML 16Page - NXP Semiconductors 74LVC16373ADGG Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
2003 Dec 08
13
Philips Semiconductors
Product specification
16-bit D-type transparent latch with 5 V
tolerant inputs/outputs; 3-state
74LVC16373A;
74LVCH16373A
handbook, full pagewidth
VEXT
VCC
VI
VO
MNA616
D.U.T.
CL
RT
RL
RL
PULSE
GENERATOR
Fig.10 Load circuitry for switching times.
Definitions for test circuits:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
Note
1. The circuit performs better when RL = 1000 Ω.
VCC
VI
CL
RL
VEXT
tPLH/tPHL tPZH/tPHZ tPZL/tPLZ
1.2 V
VCC
50 pF
500
Ω(1) open
GND
2
× VCC
2.7 V
2.7 V
50 pF
500
Ω
open
GND
2
× VCC
3.0 to 3.6 V
2.7 V
50 pF
500
Ω
open
GND
2
× VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17