| Electronic Components Datasheet Search |
|
74LVC16373ADL Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC16373ADL Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 17 page ![]() 2003 Dec 08 13 Philips Semiconductors Product specification 16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state 74LVC16373A; 74LVCH16373A handbook, full pagewidth VEXT VCC VI VO MNA616 D.U.T. CL RT RL RL PULSE GENERATOR Fig.10 Load circuitry for switching times. Definitions for test circuits: RL = Load resistor. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to the output impedance Zo of the pulse generator. Note 1. The circuit performs better when RL = 1000 Ω. VCC VI CL RL VEXT tPLH/tPHL tPZH/tPHZ tPZL/tPLZ 1.2 V VCC 50 pF 500 Ω(1) open GND 2 × VCC 2.7 V 2.7 V 50 pF 500 Ω open GND 2 × VCC 3.0 to 3.6 V 2.7 V 50 pF 500 Ω open GND 2 × VCC |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |