Electronic Components Datasheet Search
  English  ▼

X  

MD-30S Datasheet(PDF) 2 Page - CUI INC

Part # MD-30S
Description  MINI DIN CONNECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MD-30S Datasheet(HTML) 2 Page - CUI INC

  MD-30S Datasheet HTML 1Page - CUI INC MD-30S Datasheet HTML 2Page - CUI INC MD-30S Datasheet HTML 3Page - CUI INC MD-30S Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
date 08/25/2017
│ page 2 of 4
CUI Inc
│ SERIES: MD-S │ DESCRIPTION: MINI DIN CONNECTOR
6.5 0.256
4.70.185
11.0 0.433
(4 PLCS)
8.50.335
(4 PLCS)
2.60.102
(2 PLCS)
0.268
6.8
0.9 0.035
5
8
1
43
6
7
2
0.30.012
(TYP)
(TYP)
0.138
0.551
14.0
0.504
2.0
12.8
3.5
0.079
(TYP)
0.40.016
8.00.315
0.75 0.030
(TYP)
0.75 0.030
(TYP)
0.484
12.3
0.488
12.4
0.071
1.8
0.40.016
13
6
2
5
87
4
BOTTOM VIEW
9.10
(2 PLCS)
0.197
5.00
10.00
0.358
0.394
(2 PLCS)
0.059
1.50
1.00 0.039
0.1 (4 PLCS)
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.2mm
MATERIAL
PLATING
earth terminal
brass
tin
contact terminals (1~8)
phosphor bronze
silver
housing
PBT
4.70.185
11.00.433
(2 PLCS)
8.50.335
(3 PLCS)
6.80.268
(2 PLCS)
1.30.051
0.90.035
(5 PLCS)
+0.1
-0.0
PCB LAYOUT
4
TOP VIEW
21
3
5
2.2X0.7
2
4
5
3
1
21
3
4.70.185
11.0 0.433
8.50.335
(2 PLCS)
6.80.268
0.90.035
0.90.035
(3 PLCS)
+0.1
-0.0
PCB LAYOUT
3
TOP VIEW
1
2
2.2X0.7
1
2
43
4.70.185
11.0 0.433
(2 PLCS)
0.035
-0.0
+0.1
(4 PLCS)
0.9
6.80.268
(2 PLCS)
8.50.335
(2 PLCS)
2.2X0.7
1
3
TOP VIEW
2
PCB LAYOUT
4
MD-30S
MD-40S
MD-50S
For more information, please visit the product page.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com