Electronic Components Datasheet Search
  English  ▼

X  

MD-SMK Datasheet(PDF) 2 Page - CUI INC

Part # MD-SMK
Description  MINI DIN CONNECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MD-SMK Datasheet(HTML) 2 Page - CUI INC

  MD-SMK Datasheet HTML 1Page - CUI INC MD-SMK Datasheet HTML 2Page - CUI INC MD-SMK Datasheet HTML 3Page - CUI INC MD-SMK Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
CUI Inc
│ SERIES: MD-SMK │ DESCRIPTION: MINI DIN CONNECTOR
date 09/05/2017
│ page 2 of 4
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.2mm
MATERIAL
PLATING
earth terminal
brass
tin
contact terminals (1~8)
phosphor bronze
silver
shield plate
steel
tin
housing
PBT
5.50.217
(2 PLCS)
8.50.335
(4 PLCS)
11.00.433
(4 PLCS)
1.00.039
(2 PLCS) MAX
SOLDER WELDS
13.50.531
0.028
0.7
(TYP)
0.071
1.8
0.508
12.9
2.00.079
(2 PLCS)
0.358
9.1
(2 PLCS)
0.197
5.0
0.394
10.0
0.059
(2 PLCS)
1.5
1.00.039
(4 PLCS) 0.1
6
54
3
1
2
8
7
0.256
3.5
12.8
0.138
6.5
0.504
(TYP)
0.551
14.0
0.300.012
(TYP)
1
2
3
2
1
3
4
4
5
1
3
2
1.30.051
0.217
(2 PLCS)
5.5
0.433
(2 PLCS)
0.185
4.7
11.0
0.335
(3 PLCS)
6.8 0.268
8.5
13.5 0.531
1
2
5
4
0.7X2.2
(3 PLCS)
3
PCB LAYOUT
TOP VIEW
6.8 0.268
0.531
13.5
0.217
(2 PLCS)
5.5
0.433
(2 PLCS)
0.185
4.7
11.0
0.335
(2 PLCS)
8.5
0.7X2.2
(3 PLCS)
PCB LAYOUT
TOP VIEW
2
4
3
1
11.00.433
0.531
13.5
0.035
0.217
(2 PLCS)
0.185
4.7
5.5
6.8 0.268
0.9 0.035
0.9±0.1
(3 PLCS)
0.335
8.5
(2 PLCS)
1
3
0.7X2.2
(3 PLCS)
2
PCB LAYOUT
TOP VIEW
0.035
0.9±0.1
(4 PLCS)
0.035
0.9±0.1
(5 PLCS)
MD-30SMK
MD-40SMK
MD-50SMK
For more information, please visit the product page.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com