Electronic Components Datasheet Search
  English  ▼

X  

SDS-J Datasheet(PDF) 4 Page - CUI INC

Part # SDS-J
Description  STANDARD DIN CONNECTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SDS-J Datasheet(HTML) 4 Page - CUI INC

  SDS-J Datasheet HTML 1Page - CUI INC SDS-J Datasheet HTML 2Page - CUI INC SDS-J Datasheet HTML 3Page - CUI INC SDS-J Datasheet HTML 4Page - CUI INC SDS-J Datasheet HTML 5Page - CUI INC SDS-J Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
CUI Inc
│ SERIES: SDS-J │ DESCRIPTION: STANDARD DIN CONNECTOR
date 07/24/2018
│ page 4 of 6
MECHANICAL DRAWINGS (CONTINUED)
SDS-60J
5.00 0.197
2.40 0.094
(2 PLCS)
15.00.591
1.30
(8 PLCS)
0.051
5.00.197
(2 PLCS)
10.00.394
(3 PLCS)
12.50.492
(2 PLCS)
2.50.098
10.0 0.394
4.050.159
(2 PLCS)
25°
5.00 0.197
30°
30°
15.00 0.591
19.00 0.748
7.000.276
3.500.138
(TYP)
10.00 0.394
0.197
5.00
10.00 0.394
12.50 0.492
2.50.098
0.063 (TYP)
6.50.256
1.6
2.50 0.098
0.039
1.00
(2 PLCS)
0.787
20.00
10.00 0.394
0.083
1.60
(3 PLCS)
2.10
0.063
1.50 0.059
(2 PLCS)
13.2 0.520
0.071
1.80
0.831
21.1
0.709
18.0
1.00.039
(TYP)
PCB LAYOUT
TOP VIEW
6
(2 PLCS)
Mounting Hole
1
2
6
3
4
5
5
1
2
3
4
SDS-70J
10.00.394
15.00.591
2.40
(2 PLCS)
0.094
12.50.492
(4 PLCS)
10.00.394
(3 PLCS)
5.00 0.197
1.30 0.051
(9 PLCS)
5.00.197
(2 PLCS)
4.050.159
45°
25°
5.000.197
10.00 0.394
15.00 0.591
19.00 0.748
7.000.276
3.500.138
(2 PLCS)
2.50 0.098
10.00 0.394
12.50 0.492
5.00 0.197
6.500.256
1.6
(TYP)
0.063
0.394
10.00
0.083
2.10
0.059
(2 PLCS)
20.00 0.787
1.50
2.00 0.079
(3 PLCS)
0.728
18.50
19.50 0.768
0.039
(9 PLCS)
0.071
1.80
1.00
21.100.831
PCB LAYOUT
TOP VIEW
2
1
(2PLCS)
Mounting Hole
3
5
2
75 46
3
7
1
6
4
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com