Electronic Components Datasheet Search
  English  ▼

X  

OPA187ID Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA187ID
Description  0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA187ID Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA187ID Datasheet HTML 17Page - Texas Instruments OPA187ID Datasheet HTML 18Page - Texas Instruments OPA187ID Datasheet HTML 19Page - Texas Instruments OPA187ID Datasheet HTML 20Page - Texas Instruments OPA187ID Datasheet HTML 21Page - Texas Instruments OPA187ID Datasheet HTML 22Page - Texas Instruments OPA187ID Datasheet HTML 23Page - Texas Instruments OPA187ID Datasheet HTML 24Page - Texas Instruments OPA187ID Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
V+
ILOAD
Q1
Q2
+
+
VIN
RLOAD
RS1
2 k
RS2
470
RS3
4.7
IRS1
IRS2
IRS3
VRS2
VRS3
VRS1
VLOAD
R3
200
R4
10 k
Copyright © 2016, Texas Instruments Incorporated
C7
2200 pF
R5
330
C6
1000 pF
R2
10
+
±
21
OPA187, OPA2187, OPA4187
www.ti.com
SBOS807D – DECEMBER 2016 – REVISED DECEMBER 2018
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The OPAx187 operational amplifier combines precision offset and drift with excellent overall performance,
making it ideal for many precision applications. The precision offset drift of only 0.001 µV/°C provides stability
over the entire temperature range. In addition, the device pairs excellent CMRR, PSRR, and AOL dc performance
with outstanding low-noise operation. As with all amplifiers, applications with noisy or high-impedance power
supplies require decoupling capacitors close to the device pins. In most cases, 0.1-µF capacitors are adequate.
The following application examples highlight only a few of the circuits where the OPAx187 can be used.
8.2 Typical Applications
8.2.1 High-Side Voltage-to-Current (V-I) Converter
The circuit shown in Figure 41 is a high-side voltage-to-current (V-I) converter. The converter translates an input
voltage of 0 V to 2 V into an output current of 0 mA to 100 mA. Figure 42 shows the measured transfer function
for this circuit. The low offset voltage and offset drift of the OPA2187 facilitate excellent dc accuracy for the
circuit.
Figure 41. High-Side Voltage-to-Current (V-I) Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com