Electronic Components Datasheet Search
  English  ▼

X  

OPA207ID Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA207ID
Description  Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA207ID Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA207ID Datasheet HTML 17Page - Texas Instruments OPA207ID Datasheet HTML 18Page - Texas Instruments OPA207ID Datasheet HTML 19Page - Texas Instruments OPA207ID Datasheet HTML 20Page - Texas Instruments OPA207ID Datasheet HTML 21Page - Texas Instruments OPA207ID Datasheet HTML 22Page - Texas Instruments OPA207ID Datasheet HTML 23Page - Texas Instruments OPA207ID Datasheet HTML 24Page - Texas Instruments OPA207ID Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
RG
RSHUNT
+
±
OUT
Copyright © 2017, Texas Instruments Incorporated
RF
GND
Load
Current
Load
+
±
GND
VOUT = (ISHUNT x RSHUNT) x (1 + RF/RG)
Frequency (Hz)
-60
-40
-20
0
20
100
1k
10k
100k
1M
21
OPA207
www.ti.com
SBOS826A – DECEMBER 2017 – REVISED DECEMBER 2018
Product Folder Links: OPA207
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Application (continued)
8.2.3 Application Curve
Figure 48. Low-Pass Filter Transfer Function
8.3 Other Applications
8.3.1 Precision Low-Side Current Sensing
With low offset voltage and low offset voltage drift over time and temperature the OPA207 is works well for
precision low-side current sensing applications as shown in Figure 49
Figure 49. Precision Low-Side Current Sensing
8.3.2 Precision Buffer With Increased Output Current
The OPA207 can be configured as illustrated in Figure 50 to drive low impedance loads. In Figure 50, the
OPA207 is configured in a gain of +10 V/V, and the output current is boosted by the NPN (2N2904) and PNP
(2N2906) bipolar transistors. For low output voltages the OPA207 supplies the load current directly through the
100-Ω resistor. The bipolar transistors begin to supply current when the voltage drop across the 100-Ω resistor
exceeds approximately 500 mV. Figure 50 illustrates the results for a 50-Ω load resistor driven with a 10-V step
at the output. This results in a 200-mA current supplied by the circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com