Electronic Components Datasheet Search
  English  ▼

X  

HCPL-6730 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-6730
Description  Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-6730 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-6730 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-6730 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-6730 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-6730 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-6730 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-6730 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-6730 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-6730 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-6730 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Electrical Characteristics, T
A = -55°C to +125°C, unless otherwise specified
Group
A[13]
Sym-
Sub-
Parameter
bol
Test Conditions
Group
Min.
Typ.** Max. Units Fig. Note
Current Transfer
CTR*
IF = 0.5 mA, VO = 0.4 V,
1, 2, 3
300
1500
%
3
4, 5
Ratio
VCC = 4.5 V
IF = 1.6 mA, VO = 0.4 V,
300
1000
VCC = 4.5 V
IF = 5 mA, VO = 0.4 V,
200
500
VCC = 4.5 V
Logic Low Output
VOL
IF = 0.5 mA, IOL = 1.5 mA,
1, 2, 3
0.11
0.4
V
2
4
Voltage
VCC = 4.5 V
IF = 1.6 mA, IOL = 4.8 mA,
0.13
0.4
4, 16
VCC = 4.5 V
IF = 5 mA, IOL = 10 mA,
0.16
0.4
4
VCC = 4.5 V
Logic High Output
IOH*IF =2 µA, VO = 18 V,
1, 2, 3
0.001
250
µA4
IOHX
250
µA
4, 6
Logic
Single Channel
ICCL*IF = 1.6 mA, VCC = 18 V
1, 2, 3
1.0
2
mA
15
Low
and LCCC
Dual Channel
IF1 =IF2 = 1.6 mA,
1.0
4
4
VCC = 18 V
Quad Channel
IF1 =IF2 =IF3 =IF4 = 1.6 mA
1.7
4
VCC = 18 V
Logic
Single Channel
ICCH*IF = 0 mA,VCC = 18 V
1, 2, 3
0.001
20
µA15
High
and LCCC
Dual Channel
IF1 =IF2 = 0 mA,
40
VCC = 18 V
Quad Channel
IF1 =IF2 =IF3 =IF4 =0 mA
40
VCC = 18 V
Input
Single and
VF*IF = 1.6 mA
1
1.0
1.4
1.7
V
1
4
2
1.7
3
1.8
LCCC
1, 2, 3
1.0
1.4
1.8
Quad Channel
1, 2
1.4
1.7
3
1.8
Input Reverse
BVR*IR = 10 µA
1, 2, 3
5
V
4
Breakdown Voltage
Input-Output
II-O*
45% Relative Humidity
1
1.0
µA
7, 12
Insulation
TA =25°C, t = 5 s,
Leakage Current
VI-O = 1500 VDC
Capacitance Between
CI-O
f = 1 MHz, TA =25°C
4
4
pF
4, 8
Input-Output
14, 17
*For JEDEC registered parts.
**All typical values are at VCC = 5 V, TA = 25°C.
Current
Supply
Current
Supply
Current
VCC = 18 V
Forward
Voltage
Limits
Dual Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com