Electronic Components Datasheet Search
  English  ▼

X  

6053045 Datasheet(PDF) 2 Page - SICK AG

Part # 6053045
Description  Plug connector cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6053045 Datasheet(HTML) 2 Page - SICK AG

  6053045 Datasheet HTML 1Page - SICK AG 6053045 Datasheet HTML 2Page - SICK AG 6053045 Datasheet HTML 3Page - SICK AG 6053045 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DSL-1205-G05MY
Illustration may differ
Ordering information
Type
Part no.
DSL-1205-G05MY
6053045
Other models and accessories
www.sick.com/
CYJV
Cable Assembly
Detailed technical data
Technical specifications
Accessory group
Plug connectors and cables
Accessory family
Connection cables
Connection type head A
Female connector, M12, 5-pin, straight
Connection type head B
Male connector, M12, 5-pin, straight
Connector material
TPU
Connector color
Black
Locking nut material
Zinc die-cast, nickel-plated
Cable
5 m, 5-wire, PUR, halogen-free
Jacket material
PUR, halogen-free
Jacket color
Black
Cable diameter
6.7 mm
Conductor cross-section
2 x 0,34 mm² + 2 x 0,25 mm² + 1 x 0,34 mm²
Shielding
Shielded
Bending radius
Flexible use > 10 x cable diameter
Stationary position > 10 x cable diameter
Reference voltage
≤ 60 V
Traversing speed
3 m/s
Travelling distance
4.5 m
Acceleration
≤ 3 m/s²
Signal type
CANopen, DeviceNet™
Note
A-coded
Authorizations
UL
Enclosure rating
IP65/ IP67/ IP69K
Specialty
Flame-resistant, self-extinguishing
Ambient operating temperature
Flexible use –20 °C ... +70 °C
Stationary position –40 °C ... +80 °C
Classifications
ECl@ss 5.0
19030312
2
| SICK
Online data sheet | 2019-01-29 21:21:18
Subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com