Electronic Components Datasheet Search
  English  ▼

X  

DMCS60100XX Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # DMCS60100XX
Description  Mobile Flat/Curved Panel Floor Stand - 60- 100 TVs and Monitors, Heavy-Duty
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DMCS60100XX Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  DMCS60100XX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DMCS60100XX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
OVERVIEW
UPC Code
037332224620
PHYSICAL
Mounting Location
Floor
Shipping Dimensions (hwd / in.)
47.50 x 25.80 x 9.80
Shipping Dimensions (hwd / cm)
120.65 x 65.53 x 24.89
Shipping Weight (lbs.)
63.00
Shipping Weight (kg)
28.58
Unit Dimensions (hwd / in.)
46.02 x 44 x 27.6
Unit Weight (lbs.)
61
Unit Weight (kg)
27.67
Material of Construction
aluminum/steel
Color
Black; Silver
VESA Pattern (mm)
1000x600; 200x200; 300x300; 400x200; 400x400; 600x400; 800x400; 800x600
Motion
Tilt
Degrees of Motion
+5° to -10°
Maximum Weight Capacity (lbs.)
220
Maximum Weight Capacity (kg)
100
Minimum Screen Size (in.)
60
Maximum Screen Size (in.)
100
Minimum Screen Size (cm)
152.4
Maximum Screen Size (cm)
254
Number of Displays
1
FEATURES & SPECIFICATIONS
Tools Necessary
Yes
Cord Management
Yes
WARRANTY
Product Warranty Period
(Worldwide)
5-year limited warranty
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com