Electronic Components Datasheet Search
  English  ▼

X  

RBC48S Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # RBC48S
Description  Replacement Battery Cartridge for Select 48V Tripp Lite SmartOnline UPS Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

RBC48S Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  RBC48S Datasheet HTML 1Page - Tripp Lite. All Rights Reserved RBC48S Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Replacement Battery Cartridge for Select 48V
Tripp Lite SmartOnline UPS Systems
MODEL NUMBER: RBC48S
Extends the battery life of select 48V Tripp Lite SmartOnline® UPS systems.
Description
The Tripp Lite RBC48S Replacement Battery Cartridge breathes new life into select 48V Tripp Lite UPS
systems whose internal batteries are dead, aging or expired. Built to function in a wide range of operating
temperatures, the RBC48S has been carefully screened and certified to restore your UPS system’s
runtime performance to its original specifications. The leakproof, no-maintenance RBC48S comes
preassembled and prewired for quick and easy installation in your UPS system. Reusable packaging
holds expired batteries for delivery to the nearest recycling center. Compatible with Tripp Lite’s
SUINT2200LCD2U and other models recommending its use.
Features
Replacement Internal Battery for Select 48V Tripp Lite UPS Systems
Screened and certified to restore UPS system’s runtime performance to original specs
q
Compatible with Tripp Lite’s SUINT2200LCD2U and other models recommending its use
q
Preassembled and prewired for immediate installation
q
Designed for a wide range of operating temperatures
q
Rugged leakproof construction
q
No maintenance required
q
Reusable packaging for delivering expired batteries to recycling center
q
Highlights
Replacement internal battery for
select 48V Tripp Lite UPS
systems
q
Rugged leakproof construction
q
No maintenance required
q
Wide range of operating
temperatures
q
Preassembled and prewired for
immediate installation
q
Package Includes
RBC48S Replacement 48V
Battery Cartridge
q
OVERVIEW
UPC Code
037332192448
1 / 2


Similar Part No. - RBC48S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RBC48 SCHNEIDER-RBC48 Datasheet
79Kb / 2P
APC Replacement Battery Cartridge #48 with 2 Year Warranty
Sep 20, 2021
logo
Tripp Lite. All Rights ...
RBC48-SUTWR TRIPPLITE-RBC48-SUTWR Datasheet
158Kb / 2P
UPS Replacement 48VDC Battery Cartridge
RBC48V-HGTWR TRIPPLITE-RBC48V-HGTWR Datasheet
159Kb / 2P
UPS Replacement Battery Cartridge Kit for SMART2500XLHG UPS
More results

Similar Description - RBC48S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBC58-2U ETC2-RBC58-2U Datasheet
475Kb / 2P
2U UPS Replacement Battery Cartridge for select Tripp Lite UPS systems
logo
Tripp Lite. All Rights ...
RBC24-SLT TRIPPLITE-RBC24-SLT Datasheet
162Kb / 2P
UPS Replacement 24VDC Battery Cartridge for select Tripp Lite SLT UPS
RBC72S TRIPPLITE-RBC72S Datasheet
161Kb / 2P
Replacement Battery Cartridge for Select 72V Tripp Lite SmartOnline UPS Systems
RBC24V-LCD TRIPPLITE-RBC24V-LCD Datasheet
158Kb / 2P
2U UPS Replacement Battery Cartridge for select Tripp Lite UPS
RBC36-SLT TRIPPLITE-RBC36-SLT Datasheet
161Kb / 2P
UPS Replacement 36VDC Battery Cartridge for select Tripp Lite SLT UPS
RBC69-1U TRIPPLITE-RBC69-1U Datasheet
157Kb / 2P
1U UPS Replacement Battery Cartridge for select Tripp Lite SmartPro UPS
RBC96-2U TRIPPLITE-RBC96-2U Datasheet
158Kb / 2P
2U UPS Replacement 72VDC Battery Cartridge for select Tripp Lite SmartOnline UPS
RBC24-SUTWR TRIPPLITE-RBC24-SUTWR Datasheet
157Kb / 2P
UPS Replacement Battery Cartridge for select Tripp Lite SmartOnline Tower UPS
RBC58-3US TRIPPLITE-RBC58-3US Datasheet
158Kb / 2P
UPS Replacement Battery Cartridge (Set of 16 Batteries) for Select Tripp Lite SmartOnline UPS Systems, 192VDC, 3U
RBC36H TRIPPLITE-RBC36H Datasheet
197Kb / 2P
UPS Replacement Battery Cartridge for Select Tripp Lite AVR550U/AVRX550U UPS Systems, 12V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com