Electronic Components Datasheet Search
  English  ▼

X  

HSMP-3813 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HSMP-3813
Description  Surface Mount RF PIN Low Distortion Attenuator Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-3813 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HSMP-3813 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-3813 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Typical Applications for HSMP-481x Low Inductance Series (continued)
Figure 10. Circuit Layout.
Co-Planar Waveguide
Groundplane
Center Conductor
Groundplane
Co-Planar Waveguide
Shunt Connection for
HSMP-481x Series
Co-Planar waveguide, with
ground on the top side of the
printed circuit board, is shown
in Figure 10. Since it eliminates
the need for via holes to ground,
it offers lower shunt parasitic
inductance and higher maximum
attenuation when compared to a
microstrip circuit.
Figure 11. Equivalent Circuit.
0.3 pF
0.75 nH
Rj
0.18 pF*
* Measured at -20 V
2.5
Ω
Rj
Rs
Cj
Rj =
80 Ω
I
0.9
RT = 2.5 + Rj
CT = CP + Cj
I = Forward Bias Current in mA
*See AN1124 for package models.
Equivalent Circuit Model
HSMS-381x Chip*



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com