Electronic Components Datasheet Search
  English  ▼

X  

HSMP-381B Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HSMP-381B
Description  Surface Mount RF PIN Low Distortion Attenuator Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-381B Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HSMP-381B Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMP-381B Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMP-381B Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMP-381B Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-381B Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-381B Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-381B Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-381B Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-381B Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Absolute Maximum Ratings[1] T
C = +25°C
Symbol
Parameter
Unit
SOT-23
SOT-323
If
Forward Current (1
µs Pulse) Amp
1
1
PIV
Peak Inverse Voltage
V
Same as VBR
Same as VBR
Tj
Junction Temperature
°C
150
150
Tstg
Storage Temperature
°C
-65 to 150
-65 to 150
θjc
Thermal Resistance[2]
°C/W
500
150
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to
the device.
2. TC = +25
°C, where TC is defined to be the temperature at the package pins where
contact is made to the circuit board.
Electrical Specifications TC = +25
°C (Each Diode)
Conventional Diodes
Minimum
Maximum
Maximum
Minimum
Maximum
Part
Package
Breakdown
Total
Total
High
Low
Number
Marking
Lead
Voltage
Resistance Capacitance
Resistance
Resistance
HSMP-
Code
Code
Configuration
VBR (V)
RT (Ω)CT (pF)
RH (Ω)RL (Ω)
3810
E0[1]
0
Single
100
3.0
0.35
1500
10
3812
E2[1]
2
Series
3813
E3[1]
3
Common Anode
3814
E4[1]
4
Common Cathode
381B
E0[2]
B
Single
381C
E2[2]
C
Series
381E
E3[2]
E
Common Anode
381F
E4[2]
F
Common Cathode
Test Conditions
V
R = VBR
I
F = 100 mA
V
R = 50 V
I
R = 0.01 mA
I
F = 20 mA
Measure
f = 100 MHz
f = 1 MHz
f = 100 MHz
f= 100 MHz
IR ≤ 10 µA
High Frequency (Low Inductance, 500 MHz – 3 GHz) PIN Diodes
Minimum
Maximum
Typical
Maximum
Typical
Part
Package
Breakdown
Series
Total
Total
Total
Number
Marking
Lead
Voltage
Resistance Capacitance Capacitance Inductance
HSMP-
Code
Code
Configuration
V
BR (V)
R
S (Ω)CT (pF)
C
T (pF)
L
T (nH)
4810
EB
B[1]
Dual Cathode
100
3.0
0.35
0.4
1.0
481B
EB
B[2]
Dual Cathode
Test Conditions
VR = VBR
IF = 100 mA
VR = 50 V
VR = 50 V
f = 500 MHz –
Measure
f = 1 MHz
f = 1 MHz
3 GHz
I
R ≤ 10 µAVR = 0 V
Notes:
1. Package marking code is white.
2. Package laser marked.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com