Electronic Components Datasheet Search
  English  ▼

X  

HSMP-381C Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSMP-381C
Description  Surface Mount RF PIN Low Distortion Attenuator Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-381C Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSMP-381C Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMP-381C Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMP-381C Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMP-381C Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-381C Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-381C Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-381C Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-381C Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-381C Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Typical Parameters at T
C = 25°C
Part Number
Series Resistance
Carrier Lifetime
Reverse Recovery Time
Total Capacitance
HSMP-
R
S (Ω)
τ (ns)
T
rr (ns)
C
T (pF)
381x
75
1500
300
0.27 @ 50 V
Test Conditions
I
F = 1 mA
I
F = 50 mA
V
R = 10 V
f = 1 MHz
f = 100 MHz
I
R = 250 mA
I
F = 20 mA
90% Recovery
Typical Parameters at T
C = 25°C (unless otherwise noted), Single Diode
10000
1000
100
10
1
0.01
0.1
1
10
100
IF – FORWARD BIAS CURRENT (mA)
T
A = +85°C
T
A = +25°C
T
A = –55°C
Figure 2. RF Resistance vs. Forward
Bias Current.
0.15
0.30
0.25
0.20
0.35
0.40
0.45
02
6
410 12
816
14
18 20
REVERSE VOLTAGE (V)
Figure 1. RF Capacitance vs. Reverse
Bias.
1 MHz
30 MHz
frequency>100 MHz
120
110
100
90
80
70
60
50
40
1000
100
10
Diode Mounted as a
Series Attenuator
in a 50 Ohm Microstrip
and Tested at 123 MHz
DIODE RF RESISTANCE (OHMS)
Figure 3. 2nd Harmonic Input
Intercept Point vs. Diode RF
Resistance.
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
VF – FORWARD VOLTAGE (mA)
Figure 4. Forward Current vs.
Forward Voltage.
125
°C 25°C –50°C
INPUT
RF IN/OUT
Figure 5. Four Diode
π Attenuator. See Application Note 1048
for Details.
FIXED
BIAS
VOLTAGE
VARIABLE BIAS
Typical Applications for Multiple Diode Products



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com