Electronic Components Datasheet Search
  English  ▼

X  

PDB-C201 Datasheet(PDF) 1 Page - Luna Innovations Incorporated

Part # PDB-C201
Description  Blue Enhanced Bi-Cell Silicon Photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUNA [Luna Innovations Incorporated]
Direct Link  https://lunainc.com/
Logo LUNA - Luna Innovations Incorporated

PDB-C201 Datasheet(HTML) 1 Page - Luna Innovations Incorporated

  PDB-C201 Datasheet HTML 1Page - Luna Innovations Incorporated PDB-C201 Datasheet HTML 2Page - Luna Innovations Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Blue Enhanced Bi-Cell Silicon Photodiode
PDB-C201
WWW.LUNAINC.COM
Precision – Control – Results
Information in this technical datasheet is believed to
be correct and reliable. However, no responsibility is
assumed for possible inaccuracies or omission.
Specifications are subject to change without notice.
Page 1/2
REV 01-04-16
© 2016 Luna Optoelectronics. All rights reserved.
Luna Optoelectronics, 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935
DESCRIPTION
FEATURES
The PDB-C201 is a blue enhanced Bi-Cell silicon photodiode used dir
nulling, centering, or measuring small positional changes packages in a
hermetic TO-5 metal package.
• Low Capacitance
• Blue Enhanced
• High Speed
• Low Dark Current
RELIABILITY
APPLICATIONS
Contact Luna for recommendations on specific test conditions and
procedures.
• Emitter Alignment
• Position sensing
• Medical and Industrial
ABSOLUTE MAXIMUM RATINGS
SYMBOL
MIN
MAX
UNITS
Reverse Voltage
-
-
100
V
Ta = 23°C UNLESS OTHERWISE NOTED
Storage Temperature
-55
-
150
°C
-
Operating Temperature
-40
to
+125
°C
-
Soldering Temperature*
-
-
+240
°C
-
* 1/16 inch from case for 3 seconds max.


Similar Part No. - PDB-C201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDB-C201 ETC2-PDB-C201 Datasheet
205Kb / 1P
Blue Enhanced Bi-Cell Silicon Photodiode
logo
Advanced Photonix, Inc.
PDB-C201 ADVANCEDPHOTONIX-PDB-C201 Datasheet
147Kb / 1P
Blue Enhanced Bi-Cell Silicon Photodiode
More results

Similar Description - PDB-C201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDB-C201 ETC2-PDB-C201 Datasheet
205Kb / 1P
Blue Enhanced Bi-Cell Silicon Photodiode
logo
Advanced Photonix, Inc.
PDB-C201 ADVANCEDPHOTONIX-PDB-C201 Datasheet
147Kb / 1P
Blue Enhanced Bi-Cell Silicon Photodiode
SD066-24-21-011 ADVANCEDPHOTONIX-SD066-24-21-011 Datasheet
102Kb / 1P
Red Enhanced Bi-Cell Silicon Photodiode
SD113-24-21-021 ADVANCEDPHOTONIX-SD113-24-21-021 Datasheet
102Kb / 1P
Red Enhanced Bi-Cell Silicon Photodiode
SD160-24-21-021 ADVANCEDPHOTONIX-SD160-24-21-021 Datasheet
103Kb / 1P
Red Enhanced Bi-Cell Silicon Photodiode
logo
List of Unclassifed Man...
SD385-24-21-041 ETC2-SD385-24-21-041 Datasheet
169Kb / 2P
Red Enhanced Bi-Cell Silicon Photodiode
logo
Luna Innovations Incorp...
SD113-24-21-021 LUNA-SD113-24-21-021 Datasheet
108Kb / 2P
Red Enhanced Bi-Cell Silicon Photodiode
SD160-24-21-021 LUNA-SD160-24-21-021 Datasheet
125Kb / 2P
Red Enhanced Bi-Cell Silicon Photodiode
SD385-24-21-041 LUNA-SD385-24-21-041 Datasheet
122Kb / 2P
Red Enhanced Bi-Cell Silicon Photodiode
logo
Advanced Photonix, Inc.
SD385-24-21-041 ADVANCEDPHOTONIX-SD385-24-21-041 Datasheet
84Kb / 1P
Red Enhanced Bi-Cell Silicon Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com