Electronic Components Datasheet Search
  English  ▼

X  

GS832218B Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # GS832218B
Description  2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS832218B Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button GS832218B Datasheet HTML 33Page - List of Unclassifed Manufacturers GS832218B Datasheet HTML 34Page - List of Unclassifed Manufacturers GS832218B Datasheet HTML 35Page - List of Unclassifed Manufacturers GS832218B Datasheet HTML 36Page - List of Unclassifed Manufacturers GS832218B Datasheet HTML 37Page - List of Unclassifed Manufacturers GS832218B Datasheet HTML 38Page - List of Unclassifed Manufacturers GS832218B Datasheet HTML 39Page - List of Unclassifed Manufacturers GS832218B Datasheet HTML 40Page - List of Unclassifed Manufacturers GS832218B Datasheet HTML 41Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
Preliminary
GS832218(B/E)/GS832236(B/E)/GS832272(C)
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.06 9/2004
39/41
© 2001, GSI Technology
1M x 36
GS832236E-133
SCD/DCD Pipeline/Flow Through
165 BGA (var.1)
133/8.5
C
512K x 72
GS832272C-250
SCD/DCD Pipeline/Flow Through
209 BGA
250/6.5
C
512K x 72
GS832272C-225
SCD/DCD Pipeline/Flow Through
209 BGA
225/7
C
512K x 72
GS832272C-200
SCD/DCD Pipeline/Flow Through
209 BGA
200/7.5
C
512K x 72
GS832272C-166
SCD/DCD Pipeline/Flow Through
209 BGA
166/8
C
512K x 72
GS832272C-150
SCD/DCD Pipeline/Flow Through
209 BGA
150/8.5
C
512K x 72
GS832272C-133
SCD/DCD Pipeline/Flow Through
209 BGA
133/8.5
C
2M x 18
GS832218B-250I
DCD Pipeline/Flow Through
119 BGA (var.2)
250/6.5
I
2M x 18
GS832218B-225I
DCD Pipeline/Flow Through
119 BGA (var.2)
225/7
I
2M x 18
GS832218B-200I
DCD Pipeline/Flow Through
119 BGA (var.2)
200/7.5
I
2M x 18
GS832218B-166I
DCD Pipeline/Flow Through
119 BGA (var.2)
166/8
I
2M x 18
GS832218B-150I
DCD Pipeline/Flow Through
119 BGA (var.2)
150/8.5
I
2M x 18
GS832218B-133I
DCD Pipeline/Flow Through
119 BGA (var.2)
133/8.5
I
2M x 18
GS832218E-250I
DCD Pipeline/Flow Through
165 BGA (var.1)
250/6.5
I
2M x 18
GS832218E-225I
DCD Pipeline/Flow Through
165 BGA (var.1)
225/7
I
2M x 18
GS832218E-200I
DCD Pipeline/Flow Through
165 BGA (var.1)
200/7.5
I
2M x 18
GS832218E-166I
DCD Pipeline/Flow Through
165 BGA (var.1)
166/8
I
2M x 18
GS832218E-150I
DCD Pipeline/Flow Through
165 BGA (var.1)
150/8.5
I
2M x 18
GS832218E-133I
DCD Pipeline/Flow Through
165 BGA (var.1)
133/8.5
I
1M x 36
GS832236B-250I
SCD/DCD Pipeline/Flow Through
119 BGA (var.2)
250/6.5
I
1M x 36
GS832236B-225I
SCD/DCD Pipeline/Flow Through
119 BGA (var.2)
225/7
I
1M x 36
GS832236B-200I
SCD/DCD Pipeline/Flow Through
119 BGA (var.2)
200/7.5
I
1M x 36
GS832236B-166I
SCD/DCD Pipeline/Flow Through
119 BGA (var.2)
166/8
I
1M x 36
GS832236B-150I
SCD/DCD Pipeline/Flow Through
119 BGA (var.2)
150/8.5
I
1M x 36
GS832236B-133I
SCD/DCD Pipeline/Flow Through
119 BGA (var.2)
133/8.5
I
Ordering Information for GSI Synchronous Burst RAMs (Continued)
Org
Part Number1
Type
Package
Speed2
(MHz/ns)
TA3
Notes:
1. Customers requiring delivery in Tape and Reel should add the character “T” to the end of the part number. Example: GS832218B-150IB.
2. The speed column indicates the cycle frequency (MHz) of the device in Pipeline mode and the latency (ns) in Flow Through mode. Each
device is Pipeline/Flow Through mode-selectable by the user.
3. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range.
4.
GSI offers other versions this type of device in many different configurations and with a variety of different features, only some of which are
covered in this data sheet. See the GSI Technology web site (www.gsitechnology.com) for a complete listing of current offerings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com