Electronic Components Datasheet Search
  English  ▼

X  

1SS397W Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 1SS397W
Description  Silicon Epitaxial Planar Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1SS397W Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1SS397W Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1SS397W Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated:24/12/2011
Rev:01
®
SEMTECH ELECTRONICS LTD.
Subsidiary of Sino-Tech International (BVI) Limited
1SS397W
Silicon Epitaxial Planar Diodes
High Voltage Switching Diode
For high voltage and high speed switching applications
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Maximum Peak Reverse Voltage
VRM
420
V
Reverse Voltage
VR
400
V
Average Rectified Forward Current
IF(AV)
100
mA
Maximum Peak Forward Current
IFM
300
mA
Non-repetitive Peak Forward Surge Current (tp = 10 ms)
IFSM
2
A
Power Dissipation
PD
100
mW
Junction Temperature
Tj
125
O
C
Storage Temperature Range
Tstg
- 55 to + 125
O
C
Characteristics at Ta = 25
OC
Parameter
Symbol
Typ.
Max.
Unit
Forward Voltage
at IF = 100 mA
VF
-
1.3
V
Reverse Current
at VR = 300 V
at VR = 400 V
IR
IR
-
-
0.1
1
µA
Total Capacitance
at VR = 0, f = 1 MHz
CT
-
5
pF
Reverse Recovery Time
at IF = 10 mA
trr
0.5
-
μs
1
3
2
SEMTECH


Similar Part No. - 1SS397W

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS397 TOSHIBA-1SS397 Datasheet
146Kb / 2P
DIODE (HIGH VOLTAGE, HIGH SPEED SWITCHING APPLICATIONS)
1SS397 TOSHIBA-1SS397 Datasheet
243Kb / 4P
High Voltage, High Speed Switching Applications
logo
Pan Jit International I...
1SS397 PANJIT-1SS397 Datasheet
202Kb / 4P
HIGH VOLTAGE, HIGH SPEED SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
1SS397 TOSHIBA-1SS397_07 Datasheet
243Kb / 4P
High Voltage, High Speed Switching Applications
1SS397 TOSHIBA-1SS397_15 Datasheet
444Kb / 4P
TOSHIBA Diode Silicon Epitaxial Planar Diode
More results

Similar Description - 1SS397W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4148 VISHAY-1N4148 Datasheet
44Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
BAV100 VISHAY-BAV100 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
LL4154 VISHAY-LL4154 Datasheet
51Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
SEMTECH ELECTRONICS LTD...
MCL914 SEMTECH_ELEC-MCL914 Datasheet
286Kb / 4P
SILICON EPITAXIAL PLANAR DIODES
BAV200 SEMTECH_ELEC-BAV200 Datasheet
166Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Shenzhen Luguang Electr...
BAS316 LUGUANG-BAS316 Datasheet
401Kb / 3P
Silicon Epitaxial Planar Diodes
logo
SUNMATE electronic Co.,...
LL914 SUNMATE-LL914 Datasheet
290Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
1SS110 SUNMATE-1SS110 Datasheet
244Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
logo
Zibo Seno Electronic En...
BAV19W ZSELEC-BAV19W Datasheet
91Kb / 3P
Silicon Epitaxial Planar Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com