Electronic Components Datasheet Search
  English  ▼

X  

AM4406 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AM4406
Description  2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4406 Datasheet(HTML) 3 Page - Diodes Incorporated

  AM4406 Datasheet HTML 1Page - Diodes Incorporated AM4406 Datasheet HTML 2Page - Diodes Incorporated AM4406 Datasheet HTML 3Page - Diodes Incorporated AM4406 Datasheet HTML 4Page - Diodes Incorporated AM4406 Datasheet HTML 5Page - Diodes Incorporated AM4406 Datasheet HTML 6Page - Diodes Incorporated AM4406 Datasheet HTML 7Page - Diodes Incorporated AM4406 Datasheet HTML 8Page - Diodes Incorporated AM4406 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AM4406/4406F
Document number: DS41247 Rev. 2 - 2
3 of 9
www.diodes.com
July 2018
© Diodes Incorporated
AM4406/4406F
Absolute Maximum Ratings (Note 2)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
30
V
IOUT
Output Current
70
mA
PD
Power Dissipation
550 (Note 3)
mW
TSTG
Storage Temperature Range
-55 to +125
°C
ESD
ESD (Human Body Model)
3000
V
ESD
ESD (Machine Model)
300
V
Note 2:
Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under "Recommended Operating Conditions" is not implied.
Exposure to "Absolute Maximum Ratings" for extended periods may affect device reliability.
Note 3:
Reduced by 5.5mW/°C when TA is over +25°C.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
4
28
V
VHS (+)
Hall Input Voltage (+) (Note 4)
1.0
VCC-0.5
V
VHS (-)
Hall Input Voltage (-) (Note 4)
1.0
VCC-0.5
V
TA
Operating Temperature
-40
+95
°C
Note 4:
Hall input voltage range includes the amplitude of signal.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com