Electronic Components Datasheet Search
  English  ▼

X  

AP3019A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3019A
Description  WHITE LED STEP-UP CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3019A Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3019A Datasheet HTML 1Page - Diodes Incorporated AP3019A Datasheet HTML 2Page - Diodes Incorporated AP3019A Datasheet HTML 3Page - Diodes Incorporated AP3019A Datasheet HTML 4Page - Diodes Incorporated AP3019A Datasheet HTML 5Page - Diodes Incorporated AP3019A Datasheet HTML 6Page - Diodes Incorporated AP3019A Datasheet HTML 7Page - Diodes Incorporated AP3019A Datasheet HTML 8Page - Diodes Incorporated AP3019A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP3019A
Document number: DS41298 Rev. 3 - 2
2 of 12
www.diodes.com
August 2018
© Diodes Incorporated
AP3019A
Typical Applications Circuit
22
H
1
F
0.22
F
10
V
IN
SW
V
OUT
FB
GND
CTRL
AP3019A
Control
Signal
V
IN
3V
L
C
IN
C
OUT
1
6
4
5
2
3
C: X5R or X7R dielectric
L: SUMIDA CDRH5D28R-220NC or equivalent
This circuit can work in full temperature
Pin Descriptions
Pin Number
Pin Name
Function
1
SW
Switch pin. Connect external inductor
2
GND
Ground
3
FB
Voltage feedback pin. Reference voltage is 200mV
4
CTRL
Shutdown and dimming pin. Connect to 1.8V or higher to enable device; Connect to 0.5V or less to
disable device; Connect to a PWM signal to achieve LEDs brightness dimming
5
VOUT
Output pin. Connect to the cathode of internal Schottky diode
6
VIN
Input supply pin. Must be connected to a local bypass capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com