Electronic Components Datasheet Search
  English  ▼

X  

DGD05062 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD05062
Description  HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD05062 Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD05062 Datasheet HTML 1Page - Diodes Incorporated DGD05062 Datasheet HTML 2Page - Diodes Incorporated DGD05062 Datasheet HTML 3Page - Diodes Incorporated DGD05062 Datasheet HTML 4Page - Diodes Incorporated DGD05062 Datasheet HTML 5Page - Diodes Incorporated DGD05062 Datasheet HTML 6Page - Diodes Incorporated DGD05062 Datasheet HTML 7Page - Diodes Incorporated DGD05062 Datasheet HTML 8Page - Diodes Incorporated DGD05062 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DGD05062
Document number: DS39910 Rev. 1 - 2
1 of 12
www.diodes.com
September 2017
© Diodes Incorporated
DGD05062
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
WITH PROGRAMMABLE DEADTIME IN W-DFN3030-10 (Type TH)
Description
The DGD05062 is a high-frequency half-bridge gate driver capable of
driving N-channel MOSFETs in a half-bridge configuration. The
floating high-side driver is rated up to 50V.
The DGD05062 logic inputs are compatible with standard TTL and
CMOS levels (down to 3.3V) to interface easily with MCUs. UVLO for
high-side and low-side will protect a MOSFET with loss of supply. To
protect MOSFETs, cross conduction prevention logic prevents the HO
and LO outputs being on at the same time.
Fast and well-matched propagation delays allow a higher switching
frequency, enabling a smaller, more compact power switching design
using smaller associated components. The DGD05062 is offered in
the W-DFN3030-10 (Type TH) package and operates over an
extended -40°C to +125°C temperature range.
Applications
DC-DC Converters
Motor Controls
Battery Powered Hand Tools
eCig Devices
Class D Power Amplifiers
Features
50V Floating High-side Driver
Drives Two N-channel MOSFETs in a Half-bridge Configuration
1.25A Source / 2.0A Sink Output Current Capability
Undervoltage Lockout for High-side and Low-side Drivers
Programmable Deadtime to Protect MOSFETs
Logic Input (IN and EN) 3.3V Capability
Ultra Low Standby Currents (<1µA)
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony free.
“Green” Device (Note 3)
Mechanical Data
Case: W-DFN3030-10 (Type TH)
Case Material: Molded Plastic
. ―Green‖ Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminals: Finish
– Matte Tin Finish. Solderable per MIL-STD-
202, Method 208
Weight: 0.017 grams (Approximate)
Ordering Information (Note 4)
Part Number
Marking
Reel Size (inches)
Tape Width (mm)
Quantity Per Reel
DGD05062FN-7
DGD05062
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green" products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
W-DFN3030-10 (Type TH)
Top View
YYWW
DGD05062
DGD05062 = Product Type Marking Code
YY = Year (ex: 17 = 2017)
WW = Week (01 to 53)
Typical Configuration
Bottom View


Similar Part No. - DGD05062

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD0506 DIODES-DGD0506 Datasheet
914Kb / 14P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
June 2021
DGD0506A DIODES-DGD0506A Datasheet
742Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 3
DGD0506A DIODES-DGD0506A Datasheet
845Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
Rev. 4 - 2 November 2019
DGD0506AFN-7 DIODES-DGD0506AFN-7 Datasheet
742Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 3
DGD0506AFN-7 DIODES-DGD0506AFN-7 Datasheet
845Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
Rev. 4 - 2 November 2019
More results

Similar Description - DGD05062

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1907 MPS-MP1907 Datasheet
336Kb / 15P
100V, 2.5A, High Frequency Half-bridge Gate Driver
MP18021 MPS-MP18021 Datasheet
323Kb / 9P
100V High Frequency Half-Bridge Gate Driver
MPQ18021A MPS-MPQ18021A Datasheet
480Kb / 12P
100V, 2.5A, High-Frequency Half-Bridge Gate Driver
MP1921A MPS-MP1921A Datasheet
553Kb / 17P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
100V, 4A, High Frequency Half-Bridge Gate Driver
MP1924A MPS-MP1924A Datasheet
562Kb / 16P
100V, 4A, High Frequency Half-Bridge Gate Driver
MPQ1924 MPS-MPQ1924 Datasheet
790Kb / 14P
100V, 4A, High Frequency Half-Bridge Gate Driver
logo
Diodes Incorporated
DGD0506A DIODES-DGD0506A Datasheet
742Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 3
DGD05463 DIODES-DGD05463 Datasheet
777Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 4
logo
Monolithic Power System...
MP1925 MPS-MP1925 Datasheet
578Kb / 14P
100V, 4A, High-Frequency, Half-Bridge Gate Driver
Rev. 1.01 7/28/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com