Electronic Components Datasheet Search
  English  ▼

X  

2SB601 Datasheet(PDF) 2 Page - NEC

Part # 2SB601
Description  PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SB601 Datasheet(HTML) 2 Page - NEC

  2SB601 Datasheet HTML 1Page - NEC 2SB601 Datasheet HTML 2Page - NEC 2SB601 Datasheet HTML 3Page - NEC 2SB601 Datasheet HTML 4Page - NEC 2SB601 Datasheet HTML 5Page - NEC 2SB601 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet D16131EJ3V0DS
2
2SB601
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector to emitter voltage
VCEO(SUS)
IC =
−3 A, IB1 = −3 mA, L = 1 mH
−100
V
Collector to emitter voltage
VCEX(SUS)1
IC =
−3 A, IB1 = −IB2 = −3 mA,
VBE(OFF) = 5.0 V, L = 180
µH, clamped
−100
V
Collector to emitter voltage
VCEX(SUS)2
IC =
−6 A, IB1 = −12 mA, IB2 = 3 mA,
VBE(OFF) = 5.0 V, L = 180
µH, clamped
−100
V
Collector cutoff current
ICBO
VCB =
−100 V, IE = 0
−10
µA
Collector cutoff current
ICER
VCE =
−100 V, RBE = 51 Ω, Ta = 125°C
−1.0
mA
Collector cutoff current
ICEX1
VCE =
−100 V, VBE(OFF) = 1.5 V
−10
µA
Collector cutoff current
ICEX2
VCE =
−100 V, VBE(OFF) = 1.5 V,
Ta = 125
°C
−1.0
mA
Emitter cutoff current
IEBO
VEB =
−5.0 V, IC = 0
−3.0
mA
DC current gain
hFE1*
VCE =
−2.0 V, IC = −3.0 A
2,000
15,000
DC current gain
hFE2*
VCE =
−2.0 V, IC = −5.0 A
500
Collector saturation voltage
VCE(sat)*
IC =
−3.0 A, IB = −3.0 mA
−1.5
V
Base saturation voltage
VBE(sat)*
IC =
−3.0 A, IB = −3.0 mA
−2.0
V
Turn-on time
ton
0.5
µs
Storage time
tstg
1.0
µs
Fall time
tf
IC =
−3.0 A, RL = 17 Ω,
IB1 =
−IB2 = −3.0 mA, VCC ≅ −50 V
Refer to the test circuit.
1.0
µs
* Pulse test PW
≤ 350
µs, duty cycle ≤ 2%
h)( CLASSIFICATION
Marking
M
L
K
hFE1
2,000 to 5,000
3,000 to 7,000
5,000 to 15,000
TYPICAL CHARACTERISTICS (Ta = 25
°°°°C)
&ROOHFWRUWR(PLWWHU 9ROWDJH 9&( 9
&DVH 7HPSHUDWXUH 7& °&



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com