Electronic Components Datasheet Search
  English  ▼

X  

74HC14 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74HC14
Description  Hex inverting Schmitt trigger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC14 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74HC14 Datasheet HTML 8Page - NXP Semiconductors 74HC14 Datasheet HTML 9Page - NXP Semiconductors 74HC14 Datasheet HTML 10Page - NXP Semiconductors 74HC14 Datasheet HTML 11Page - NXP Semiconductors 74HC14 Datasheet HTML 12Page - NXP Semiconductors 74HC14 Datasheet HTML 13Page - NXP Semiconductors 74HC14 Datasheet HTML 14Page - NXP Semiconductors 74HC14 Datasheet HTML 15Page - NXP Semiconductors 74HC14 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
2003 Oct 30
12
Philips Semiconductors
Product specification
Hex inverting Schmitt trigger
74HC14; 74HCT14
AC CHARACTERISTICS
Type 74HC
GND = 0 V; tf = tf = 6 ns; CL =50pF
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb =25 °C; note 1
tPHL/tPLH
propagation delay nA to nY
see Fig.9
2.0
−
41
125
ns
4.5
−
15
25
ns
6.0
−
12
21
ns
tTHL/tTLH
output transition time
see Fig.9
2.0
−
19
75
ns
4.5
−
715
ns
6.0
−
613
ns
Tamb = −40 to +85 °C
tPHL/tPLH
propagation delay nA to nY
see Fig.9
2.0
−−
155
ns
4.5
−−
31
ns
6.0
−−
26
ns
tTHL/tTLH
output transition time
see Fig.9
2.0
−−
95
ns
4.5
−−
19
ns
6.0
−−
15
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay nA to nY
see Fig.9
2.0
−−
190
ns
4.5
−−
38
ns
6.0
−−
32
ns
tTHL/tTLH
output transition time
see Fig.9
2.0
−−
110
ns
4.5
−−
22
ns
6.0
−−
19
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com