Electronic Components Datasheet Search
  English  ▼

X  

SMDB712C Datasheet(PDF) 1 Page - Protek Devices

Part # SMDB712C
Description  BIDIRECTIONAL ASYMMETRICAL TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMDB712C Datasheet(HTML) 1 Page - Protek Devices

  SMDB712C Datasheet HTML 1Page - Protek Devices SMDB712C Datasheet HTML 2Page - Protek Devices SMDB712C Datasheet HTML 3Page - Protek Devices SMDB712C Datasheet HTML 4Page - Protek Devices SMDB712C Datasheet HTML 5Page - Protek Devices SMDB712C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
05599.R0 12/18
Page 1
SMDB712C
BIDIRECTIONAL ASYMMETRICAL TVS ARRAY
ISO 9001: 2015 CERTIFIED
DESCRIPTION
The SMDB712C offers four individual asymmetrical devices in a SO-8 package. The device can be configured for 2
or 4 datalines depending on power level requirements. When connecting four devices in two pairs with a common
ground, the total power per line increases to 1.6kW (8/20µs waveform). In addition, the SMDB712C complies with
level 3 DO-160G Section 22, Waveform 5A, when two external 10 Ohm resistors are connected per dataline.
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air ±15kV, Contact ±8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-
Gnd) & Level 2(Line-Line)
• Compliant with DO-160G, Section 22, Waveform 5A wtih 10 Ohm
Resistors (30A/300V)
• 800 - 1600 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Bidirectional Configuration: 4 Asymmetrical Devices (12V & 7V)
• RoHS Compliant
• REACH Compliant
MECHANICAL CHARACTERISTICS
• Molded JEDEC SO-8 Package
• Approximate Weight: 70 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 12mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPLICATIONS
• RS-232, RS-422 & RS-423 Data Lines
• SMART Phones
• Audio/Video Inputs
• Portable Electronics
• Wireless Network Systems
• Medical Electronics
PIN CONFIGURATION & TYPICAL APPLICATION
SO-8 PACKAGE
1
2
4
8
3
5
6
7
12V
7V
1
2
4
8
3
5
6
7
12V
7V
10 Ohm
10 Ohm
Input
Line 1
Line 2
C
EQ per Line:
Typical 570
@ 0Vdc
1MHz
12V
7V
12V
7V
12V
7V


Similar Part No. - SMDB712C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMDB03 MCC-SMDB03 Datasheet
143Kb / 2P
TVSarray Series
logo
Microsemi Corporation
SMDB03 MICROSEMI-SMDB03 Datasheet
103Kb / 2P
TVSarray Series
logo
SeCoS Halbleitertechnol...
SMDB03 SECOS-SMDB03 Datasheet
172Kb / 2P
Transient Voltage Suppressors
logo
Sangdest Microelectroni...
SMDB03 SMC-SMDB03 Datasheet
131Kb / 4P
SO-8
logo
SMC Diode Solutions Co....
SMDB03 SMCDIODE-SMDB03 Datasheet
333Kb / 4P
TVS ARRAY SERIES
Rev. C
More results

Similar Description - SMDB712C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LCV01-6 MICROSEMI-LCV01-6 Datasheet
86Kb / 2P
Bidirectional TVS Array
logo
Yea Shin Technology Co....
YSESDA0502CT3 YEASHIN-YSESDA0502CT3 Datasheet
644Kb / 3P
BIDIRECTIONAL TVS DIODE ARRAY
YSMDAXXC YEASHIN-YSMDAXXC Datasheet
831Kb / 3P
BIDIRECTIONAL TVS ARRAY
YSMDAXXC-7 YEASHIN-YSMDAXXC-7 Datasheet
810Kb / 3P
BIDIRECTIONAL TVS ARRAY
YSMXXLC YEASHIN-YSMXXLC Datasheet
756Kb / 3P
Bidirectional TVS Diode Array
logo
Littelfuse
SM712 LITTELFUSE-SM712 Datasheet
1Mb / 5P
600W Asymmetrical TVS Diode Array
logo
Shanghai Leiditech Elec...
SMDA05C LEIDITECH-SMDA05C Datasheet
266Kb / 3P
Bidirectional TVS Diode Array
logo
Littelfuse
SP712 LITTELFUSE-SP712 Datasheet
1Mb / 5P
640W Asymmetrical TVS Diode Array
logo
Rectron Semiconductor
TEPM24CV RECTRON-TEPM24CV Datasheet
321Kb / 4P
Bidirectional TVS Diode Array
logo
AiT Semiconductor Inc.
SM712 AITSEMI-SM712 Datasheet
535Kb / 6P
TVS 400W ASYMMETRICAL TVS DIODE ARRAY
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com