Electronic Components Datasheet Search
  English  ▼

X  

DP83816 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83816
Description  DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II)
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83816 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button DP83816 Datasheet HTML 35Page - National Semiconductor (TI) DP83816 Datasheet HTML 36Page - National Semiconductor (TI) DP83816 Datasheet HTML 37Page - National Semiconductor (TI) DP83816 Datasheet HTML 38Page - National Semiconductor (TI) DP83816 Datasheet HTML 39Page - National Semiconductor (TI) DP83816 Datasheet HTML 40Page - National Semiconductor (TI) DP83816 Datasheet HTML 41Page - National Semiconductor (TI) DP83816 Datasheet HTML 42Page - National Semiconductor (TI) DP83816 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 105 page
background image
39
www.national.com
4.0 Register Set (Continued)
4.2.1 Command Register
This register is used for issuing commands to DP83816. These commands are issued by setting the corresponding bits
for the function. A global software reset along with individual reset and enable/disable for transmitter and receiver are
provided here.
Tag: CR
Size: 32 bits
Hard Reset: 00000000h
Offset: 0000h
Access: Read Write
Soft Reset: 00000000h
Bit
Bit Name
Description
31-9
unused
8
RST
Reset
Set to 1 to force the DP83816 to a soft reset state which disables the transmitter and receiver,
reinitializes the FIFOs, and resets all affected registers to their soft reset state. This operation implies
both a TXR and a RXR. This bit will read back a 1 during the reset operation, and be cleared to 0 by the
hardware when the reset operation is complete. EEPROM configuration information is not loaded here.
7
SWI
Software Interrupt
Setting this bit to a 1 forces the DP83816 to generate a hardware interrupt. This interrupt is mask-able
via the IMR.
6
unused
5
RXR
Receiver Reset
When set to a 1, this bit causes the current packet reception to be aborted, the receive data and status
FIFOs to be flushed, and the receive state machine to enter the idle state (RXE goes to 0). This is a
write-only bit and is always read back as 0.
4
TXR
Transmit Reset
When set to a 1, this bit causes the current transmission to be aborted, the transmit data and status
FIFOs to be flushed, and the transmit state machine to enter the idle state (TXE goes to 0). This is a
write-only bit and is always read back as 0.
3
RXD
Receiver Disable
Disable the receive state machine after any current packets in progress. When this operation has been
completed the RXE bit will be cleared to 0. This is a write-only bit and is always read back as 0. The
driver should not set both RXD and RXE in the same write, the RXE will be ignored, and RXD will have
precedence.
2
RXE
Receiver Enable
When set to a 1, and the receive state machine is idle, then the receive machine becomes active. This bit
will read back as a 1 whenever the receive state machine is active. After initial power-up, software must
insure that the receiver has completely reset before setting this bit (See ISR:RXRCMP).
1
TXD
Transmit Disable
When set to a 1, halts the transmitter after the completion of the current packet. This is a write-only bit
and is always read back as 0. The driver should not set both TXD and TXE in the same write, the TXE
will be ignored, and TXD will have precedence.
0
TXE
Transmit Enable
When set to a 1, and the transmit state machine is idle, then the transmit state machine becomes active.
This bit will read back as a 1 whenever the transmit state machine is active. After initial power-up,
software must insure that the transmitter has completely reset before setting this bit (See ISR:TXRCMP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com