Electronic Components Datasheet Search
  English  ▼

X  

PSMF12AL Datasheet(PDF) 6 Page - Protek Devices

Part # PSMF12AL
Description  400 WATT TVS COMPONENT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSMF12AL Datasheet(HTML) 6 Page - Protek Devices

  PSMF12AL Datasheet HTML 1Page - Protek Devices PSMF12AL Datasheet HTML 2Page - Protek Devices PSMF12AL Datasheet HTML 3Page - Protek Devices PSMF12AL Datasheet HTML 4Page - Protek Devices PSMF12AL Datasheet HTML 5Page - Protek Devices PSMF12AL Datasheet HTML 6Page - Protek Devices PSMF12AL Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Only One Name Means ProTek’Tion™
05600.R0 1/19
Page 6
PSMFxxAL Series
ISO 9001: 2015 CERTIFIED
TAPE AND REEL
RTCA DO-160G COMPLIANT PRODUCT
SPECIFICATIONS
REEL DIA.
TAPE
WIDTH
A0
B0
K0
D
E
F
W
P0
P2
P
tmax
178mm (7”)
8mm
1.95 ± 0.3
3.95 ± 0.3 1.40 ± 0.05 1.55 ± 0.10 1.75 ± 0.20 3.50 ± 0.5 8.00 ± 0.20 4.00 ± 0.20 2.00 ± 0.2 4.00 ± 0.20
0.25
NOTES
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Empty pocket between sprocket holes.
4. Suffix - T73 = 7” Reel - 3,000 pieces per 8mm tape.
5. Marking on Part - marking code (see page 2), polarity band and date code.
ORDERING INFORMATION
BASE PART NUMBER
(xx = Voltage)
LEADFREE SUFFIX
TAPE SUFFIX
QTY/REEL
REEL SIZE
TUBE QTY
PSMFxxAL
N/A
-T73
3,000
7”
N/A
This device is only available in a Lead-Free configuration.
10 Pitches Cumulative
Tolerance on tape ± 0.2
W
F
B0
E
P2
P0
D
P
A0
K0
t
User Direction of Feed
Top Cover
Tape



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com