Electronic Components Datasheet Search
  English  ▼

X  

MAS6250BA2Q1306 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS6250BA2Q1306
Description  Piezo and LED Driver with Synchronous
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6250BA2Q1306 Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MAS6250BA2Q1306 Datasheet HTML 2Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 3Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 4Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 5Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 6Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 7Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 8Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 9Page - Micro Analog systems MAS6250BA2Q1306 Datasheet HTML 10Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
DA6250.007
13 April, 2018
6 (24)
BLOCK AND APPLICATION DIAGRAMS
Figure 1. External drive mode driving piezo in differential configuration by DIN control
In figure 1 there is utilized output over voltage protection (OVP) feature of MAS6250 which limits the output
voltage to 17.5V when the feedback resistors are left out which also reduces external part count.
Figure 2. External drive mode driving piezo in single-ended configuration by DIN control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24