Electronic Components Datasheet Search
  English  ▼

X  

MAS6240C Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6240C
Description  Piezo Driver with Multi-Mode Charge Pump
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6240C Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6240C_16 Datasheet HTML 1Page - Micro Analog systems MAS6240C_16 Datasheet HTML 2Page - Micro Analog systems MAS6240C_16 Datasheet HTML 3Page - Micro Analog systems MAS6240C_16 Datasheet HTML 4Page - Micro Analog systems MAS6240C_16 Datasheet HTML 5Page - Micro Analog systems MAS6240C_16 Datasheet HTML 6Page - Micro Analog systems MAS6240C_16 Datasheet HTML 7Page - Micro Analog systems MAS6240C_16 Datasheet HTML 8Page - Micro Analog systems MAS6240C_16 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DA6240C.007
17 October, 2016
4 (13)
ELECTRICAL CHARACTERISTICS
TA = -40°C to +85°C, typical values at TA = 27°C, VIN = 3.0 V, C1 = 100 nF, C2 = 100 nF, COUT = 100 nF, CIN = 100 nF, Cpiezo = 15 nF,
digital input DIN=4kHz; unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
VOUT pin voltage towards ground
at VIN = 3 V, Note 1
C1 version: load 15nF
C2 version: load 0…5mA
1x Mode
2x Mode
3x Mode
2.8
5.2
7.2
3
6
9
V
Shutdown Current
ISD
DIN = 0V, Note 2
1
µA
Current Consumption
ICC
Charge Pump (no load):
1x Mode
2x Mode
3x Mode
85
800
2100
150
1500
3250
µA
Single ended application
(Cpiezo = 15nF; f=4kHz):
1x Mode
2x Mode
3x Mode
0.26
1.5
3.6
mA
Differential application
(Cpiezo = 15 nF; f=4kHz):
1x Mode
2x Mode
3x Mode, Note 3
0.8
3.5
7.6
mA
Signal Frequency
FAUDIO
0.2
4
8
kHz
Internal Switching
Frequency (Charge Pump)
FOSC
0.6
1
1.8
MHz
VOUT Turn-ON Time
(From DIN signal HIGH to
90% VOUT steady state)
tON
C1 version
1x Mode
2x Mode
3x Mode
10
130
400
100
300
800
µs
C2 version
1x Mode
2x Mode
3x Mode
6
30
60
100
200
300
µs
Shut Down delay
tOFF
Time before device shutdown after
DIN signal goes to LOW
5
15
50
ms
Short Circuit Current
ISC
From VIN pin, Note 4
C1 version with current limitation
C2 version
5
10
50
150
mA
Control Input Threshold
VIH
VIL
EN1, EN2, DIN pins
1.6
0.55
V
V
Control Input Current
IIH
IIL
VDIN = 3V, (900k
 pull down)
VDIN = 0V
3.4
0
7
1
µA
µA
IIH
IIL
VDIN = 3V
VEN1,EN2 = 3V, (900k
 pull down)
VEN1,EN2 = 0V
3.4
0
7
1
µA
µA
IIH
IIL
VDIN = 0V, Note 5
VEN1,EN2 = 3V
VEN1,EN2 = 0V
0
0
1
1
µA
µA
Note 1: C1 version is limited for capacitive load only. C2 version can be also used to drive dc-load from VOUT.
Note 2: DIN has been low at least 50 ms.
Note 3: For differential 3x mode it is recommended to use C2 version due to limited current drive capability of
C1 version.
Note 4: Short circuit protection in 2x and 3x Modes
Note 5: EN1 and EN2 pins are at high-Z state while VDIN=0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com