Electronic Components Datasheet Search
  English  ▼

X  

2099210 Datasheet(PDF) 2 Page - SICK AG

Part # 2099210
Description  Plug connector cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

2099210 Datasheet(HTML) 2 Page - SICK AG

  2099210 Datasheet HTML 1Page - SICK AG 2099210 Datasheet HTML 2Page - SICK AG 2099210 Datasheet HTML 3Page - SICK AG 2099210 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
YF2AA8-100S01MKA18
Ordering information
Type
Part no.
YF2AA8-100S01MKA18
2099210
Other models and accessories
www.sick.com/
Detailed technical data
Technical specifications
Accessory group
Plug connectors and cables
Accessory family
Connection cables
Connection type head A
Female connector, M12, 8-pin, straight, A-coded
Connection type head B
Male connector, M12, 8-pin, straight, A-coded
Connector color
Black
Cable
10 m, 8-wire, PUR, halogen-free
Jacket material
PUR, halogen-free
Cable diameter
7 mm
Conductor cross-section
4 x 2 x 0.25 mm²
Shielding
Shielded
Permitted cross-section
≤ 0.25 mm²
Bending cycles
> 2,000,000
Reference voltage
≤ 30 V
Current loading
1.75 A
Application
Drag chain operation
Note
Drag chain use
Enclosure rating
IP67
Ambient operating temperature
Flexible use –25 °C ... +80 °C
Stationary position –50 °C ... +80 °C
Head –25 °C ... +80 °C
Classifications
ECl@ss 5.0
19030312
ECl@ss 5.1.4
19030312
ECl@ss 6.0
27060304
ECl@ss 6.2
27060304
ECl@ss 7.0
27060304
ECl@ss 8.0
27060304
ECl@ss 8.1
27060304
ECl@ss 9.0
27060304
ETIM 5.0
EC000830
2
| SICK
Online data sheet | 2019-01-29 21:21:18
Subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com