Electronic Components Datasheet Search
  English  ▼

X  

SN74AS842FN Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AS842FN
Description  10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS842FN Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AS842FN Datasheet HTML 2Page - Texas Instruments SN74AS842FN Datasheet HTML 3Page - Texas Instruments SN74AS842FN Datasheet HTML 4Page - Texas Instruments SN74AS842FN Datasheet HTML 5Page - Texas Instruments SN74AS842FN Datasheet HTML 6Page - Texas Instruments SN74AS842FN Datasheet HTML 7Page - Texas Instruments SN74AS842FN Datasheet HTML 8Page - Texas Instruments SN74AS842FN Datasheet HTML 9Page - Texas Instruments SN74AS842FN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN54ALS841, SN74ALS841
10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SDAS059B – D2910, DECEMBER 1983 – REVISED MAY 1986
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
6
’ALS841 switching characteristics (see Note 1)
VCC = 5 V,
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
CL = 50 pF,
R1 = 500 Ω,
R1 = 500 Ω,
PARAMETER
FROM
TO
R2 = 500 Ω,
R2 = 500 Ω,
UNIT
(INPUT)
(OUTPUT)
TA = 25°C
TA = MIN to MAX†
′ALS841
SN54ALS841
SN74ALS841
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
D
Q
8.5
11
2
15
2
13
ns
tPHL
D
Q
8.5
11
2
15
2
13
ns
tPLH
C
Q
14
18
7
25
7
21
ns
tPHL
C
Q
17
23
8
30
8
26
ns
tPZH
OC
Q
7.5
10
2
14
2
12
ns
tPZL
OC
Q
7.5
10
2
14
2
12
ns
tPHZ
OC
Q
6
8
2
12
2
10
ns
tPLZ
OC
Q
7
9
2
14
2
12
ns
† The conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 1: Load circuit and voltage waveforms are shown in Section 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com