Electronic Components Datasheet Search
  English  ▼

X  

MP01670 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP01670
Description  SAW Resonator 433.920MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP01670 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP01670 Datasheet HTML 1Page - Golledge Electronics Ltd MP01670 Datasheet HTML 2Page - Golledge Electronics Ltd MP01670 Datasheet HTML 3Page - Golledge Electronics Ltd MP01670 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Resonator 433.920MHz
Model: TC0269A
Part No: MP01670
Rev No: 3
TC0269A v3
1
A. FEATURES:
1. One - Port Resonator
B. MAXIMUM RATING:
1. Input Power Level: 0dBm
2. DC voltage: 12V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Reference Temperature TA = 25°C
Characteristic
Units
Min.
Typ.
Max.
Center frequency Fc
MHz
433.845
433.920
433.995
Insertion Loss IL
dB
-
1.2
1.7
Ageing of Fc
ppm/yr
-
-
±
10
Equivalent Circuit Model
Motional capacitance C1
fF
-
1.79
-
Motional inductance L1
μH
-
75.72
-
Motional resistance R1
Ohm
-
14.3
23
Parallel capacitance Co
pF
-
3.2
-
Frequency Temperature coefficient (TCf)
ppm/c*2
-
0.032
-
Turnover To
deg. C
5
15
25
Temperature dependence of Fc: Fc (TA) = Fc (TO) (1+TCf (TA - TO)2)


Similar Part No. - MP01670

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01601 GOLLEDGE-MP01601 Datasheet
242Kb / 6P
SAW Filter 1227MHz
MP01606 GOLLEDGE-MP01606 Datasheet
72Kb / 6P
SAW Filter 300MHz
logo
Multicomp Pro
MP016115 MULTICOMP-MP016115 Datasheet
172Kb / 1P
Cable Tie Releasable
28/07/25 V1.0
MP016116 MULTICOMP-MP016116 Datasheet
172Kb / 1P
Cable Tie Releasable
28/07/25 V1.0
MP016117 MULTICOMP-MP016117 Datasheet
172Kb / 1P
Cable Tie Releasable
28/07/25 V1.0
More results

Similar Description - MP01670

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA03137 GOLLEDGE-MA03137 Datasheet
194Kb / 4P
SAW Filter 433.920MHz
MA05277 GOLLEDGE-MA05277 Datasheet
367Kb / 5P
SAW Filter 433.920MHz
MP01062 GOLLEDGE-MP01062 Datasheet
103Kb / 5P
SAW Filter 433.920MHz
MA08910 GOLLEDGE-MA08910 Datasheet
126Kb / 4P
SAW Filter 433.920MHz
MA09246 GOLLEDGE-MA09246 Datasheet
183Kb / 5P
433.920MHz SAW Filter
MA09182 GOLLEDGE-MA09182 Datasheet
228Kb / 5P
433.920MHz SAW Filter
MP06772 GOLLEDGE-MP06772 Datasheet
203Kb / 6P
SAW Filter 433.920MHz
MA06413 GOLLEDGE-MA06413 Datasheet
209Kb / 4P
SAW Resonator 433.920MHz
MA06925 GOLLEDGE-MA06925 Datasheet
163Kb / 4P
SAW Resonator 433.920MHz
MA03138 GOLLEDGE-MA03138 Datasheet
291Kb / 4P
SAW Resonator 433.920MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com