Electronic Components Datasheet Search
  English  ▼

X  

MAX17601 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17601
Description  4A Sink/Source Current, 12ns, Dual MOSFET Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17601 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17601 Datasheet HTML 1Page - Maxim Integrated Products MAX17601 Datasheet HTML 2Page - Maxim Integrated Products MAX17601 Datasheet HTML 3Page - Maxim Integrated Products MAX17601 Datasheet HTML 4Page - Maxim Integrated Products MAX17601 Datasheet HTML 5Page - Maxim Integrated Products MAX17601 Datasheet HTML 6Page - Maxim Integrated Products MAX17601 Datasheet HTML 7Page - Maxim Integrated Products MAX17601 Datasheet HTML 8Page - Maxim Integrated Products MAX17601 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Note 1: All devices are production tested at TA = +25°C. Limits over temperature are guaranteed by design.
Note 2: Design guaranteed by bench characterization. Limits are not production tested.
Note 3: For SOIC, μMAX package options, these are only Typ parameters.
(VDD = 12V, CL = 0F, at TA = -40°C to +125°C, unless otherwise noted. Typical values are specified at TA = +25°C. Parameters
specified at VDD = 4V apply to the TTL versions only.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ENABLE (ENA, ENB)
VEN_H High Level Voltage
MAX17600/1/2
2.1
V
MAX17603/4/5
4.25
VEN_L Low Level Voltage
MAX17600/1/2
0.8
V
MAX17603/4/5
2.0
Enable Hysteresis
EN_HYS
MAX17600/1/2
0.34
V
MAX17603/4/5
0.9
Enable Pullup Resistor to VDD
Rpu
MAX17600/1/2
50
100
200
kΩ
MAX17603/4/5
100
200
400
Propagation Delay from EN_ to OUT_
(Note 2)
tpd
EN_ rising
7
ns
EN_ falling
7
SWITCHING CHARACTERISTICS (VDD = 14V) (Note 2)
OUT_ Rise Time
tR
CL = 1nF
6
ns
CL = 4.7nF
20
CL = 10nF
40
OUT_ Fall Time
tF
CL = 1nF
6
ns
CL = 4.7nF
16
CL = 10nF
25
Turn-On Delay Time
tD-ON
CL = 1nF
12
ns
Turn-Off Delay Time
tD-OFF
CL = 1nF
12
ns
SWITCHING CHARACTERISTICS (VDD = 4.5V) (Note 2)
OUT_ Rise Time
tR
CL = 1nF
5
ns
CL = 4.7nF
15
CL = 10nF
28
OUT_ Fall Time
tF
CL = 1nF
5
ns
CL = 4.7nF
10
CL = 10nF
18
Turn-On Delay Time
tD-ON
CL = 1nF
12
ns
Turn-Off Delay Time
tD-OFF
CL = 1nF
12
ns
MATCHING CHARACTERISTICS (Note 2)
Matching Propagation Delays
Between Channel A and Channel B
VDD = 14V, CL = 10nF
8
ns
Electrical Characteristics (continued)
MAX17600–MAX17605
4A Sink/Source Current,
12ns, Dual MOSFET Drivers
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com