Electronic Components Datasheet Search
  English  ▼

X  

MTPT100 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # MTPT100
Description  Three-Phase Bridge Thyristor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MTPT100 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  MTPT100 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MTPT100 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MTPT100 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd MTPT100 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd MTPT100 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MAJOR RATINGS AND CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
V
V
SYMBOL
MTPT100
UNIT
08
900
1300
800
1200
1600
12
16
1700
Maximum repetitive peak reverse voltage
Peak reverse non-repetitive voltage
Peak forward surge current single sine-wave superimposed on
rated load
Rating (non-repetitive, for t greater than 1 ms and less than 8.3 ms)
for fusing
Operating junction temperature range
VRRM
VRSM
IFSM
2
I t
4230
100
-40 to 150
920
2
A s
A
A
ºC
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
V
µ
A
SYMBOL
MTPT100
UNIT
08
12
16
Maximum instantaneous forward drop per diode
Maximum reverse DC current at rated DC blocking
VF
IR
6
1.3
20
voltage per diod
TEST
CONDITIONS
I
= 100A
F
T
= 25°C
A
T
= 150°C
A
Storage temperature range
TSTG
-40 to 125
ºC
TJ
mA
Maximum Ratings for Diodes
Output DC current three-phase full wave, T = 100°C
c
IO
SWITCHING
SYMBOL
TEST CONDITIONS
VALUES
Typical delay time
Typical rise time
td
tr
TJ = 25 °C ,gate current = 1A dl /dt = 1 A/µs
g
Typical tum-off time
tq
I = 300A ; dl/dt = 15 A/µs ; T = T maximum,
TM
J
J
V = 50V ; dV/dt = 20V/µs ; gate 0V ,100Ω
R
μs
50 to 150
UNITS
V = 0.67 V
d
DRM
1
2
Page 2 of 5
www.nellsemi.com
RoHS
RoHS
Nell High Power Products
MTPT100 Series
ºC/W
ºC/W
Thermal Impedance, junction to case
RthJC
0.20
Thermal Impedance, case to heatsink
RthCS
0.10
FORWARD CONDUCTION
SYMBOL
TEST CONDITIONS
Maximum average on-state current
at case temperature
IT(AV)
180° conduction, half sine wave ,50Hz
A
Maximum peak, one-cycle, on-state
non-repetitive surge current
ITSM
t = 10 ms
No voltage
reapplied
Sine half wave,
initial TJ =
TJ maximum
t = 8.3 ms
Maximum I2t for fusing
I2t
2
A s
Maximum I2√t for fusing
I2√t
t = 0.1 ms to 10 ms, no voltage reapplied
Maximum on-state voltage drop
VTM
ITM = 300A, TJ = 25 °C, 180° conduction
Maximum holding current
IH
Anode supply = 6 V, initial IT= 30 A, TJ = 25 °C
mA
Maximum latching current
IL
Anode supply = 6 V
400
V
UNITS
VALUES
100
85
1200
1058
7200
6590
72
1.6
150
A
°C
t = 10 ms
t = 8.3 ms
t = 10 ms
t = 8.3 ms
2
kA √
5080
4645
reapplied
100%VRRM
t = 10 ms
t = 8.3 ms
reapplied
100%VRRM
No voltage
reapplied
1260
1008
PARAMETER
Gate pulse: 10 V, 100 μs, TJ = 25 °C
Maximum Ratings for Thyristor
s
PARAMETER



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com