Electronic Components Datasheet Search
  English  ▼

X  

MTPT150 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # MTPT150
Description  Three-Phase Bridge Thyristor,
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MTPT150 Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  MTPT150 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MTPT150 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MTPT150 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd MTPT150 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd MTPT150 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TRIGGERING
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
tp 5 ms, TJ = TJ maximum
W
Maximum average gate power
PG(AV)
f = 50 Hz, TJ = TJ maximum
Maximum peak gate current
IGM
tp 5 ms, TJ = TJ maximum
A
Maximum peak negative
gate voltage
- VGT
10
V
gate voltage
VGT
Anode supply = 6V,
resistive load; Ra = 1
TJ = 25 °C
IGT
mA
Maximum gate voltage
that will not trigger
VGD
TJ = TJ maximum, 67% VDRM applied
0.25
Maximum gate current
that will not trigger
IGD
mA
Maximum rate of rise of
turned-on current
dI/dt
T = 125ºC, V = 0.5V
,
I =100mA
J
D
DRM G
A/μs
THERMAL AND MECHANICAL SPECIFICATIONS
SYMBOL
TEST CONDITIONS
VALUES
UNITS
junction operating and storage
temperature range
T T
J
stg
,
- 40 to 125
°C
Maximum thermal resistance,
junction to case per junction
RthJC
DC operation
°C/W
Typical thermal resistance,
case to heatsink per module
RthCS
Mounting surface, smooth , flat and greased
Mounting
torque ± 10 %
to heatsink, M6
A mounting compound is recommended and the
torque should be rechecked after a period of
about 3 hours to allow for the
spread of the compound.
5
to terminal, M6/M4
Approximate weight
470
16.6
TRIGGERING
J
J
J = TJ
J
J
- VGT
Maximum required DC
to trigger
a
Ω
Maximum required DC
gate current to trigger
= T
°C
thCS
≤
≤
3
150
V
oz.
g
0.10
0.18
BLOCKING
SYMBOL
TEST CONDITIONS
VALUES
Maximum peak reverse and
off-state leakage current
IRRM
IDRM
TJ = 125 °C
RMS isolation Voltage
VISO
50 Hz, circuit to base,
all terminals shorted, 25 ºC ,60s
V
Critical rate of rise of
off-state voltage
dV/dt
TJ = TJ maximum,
exponential to 67 % rated VDRM
V/μs
25
500
mA
3000
UNITS
N.m
10
3
3
150
10
Device code
150 16
MTPT
3
2
1
-
1
2
-
I
rating : "150" for 150 A
F(AV)
3
RRM
-
Voltage code : code x 100 = V
Module type : “MTPT” for 3
i
i
Ø Br dge + Thyr stor
Page 3 of 5
www.nellsemi.com
RoHS
RoHS
Nell High Power Products
MTPT150 Series
PARAMETER
PARAMETER
PARAMETER
dI /dt = 0.1A/µs
G
5 / 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com