Electronic Components Datasheet Search
  English  ▼

X  

MAX8903A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8903A
Description  2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8903A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8903A Datasheet HTML 1Page - Maxim Integrated Products MAX8903A Datasheet HTML 2Page - Maxim Integrated Products MAX8903A Datasheet HTML 3Page - Maxim Integrated Products MAX8903A Datasheet HTML 4Page - Maxim Integrated Products MAX8903A Datasheet HTML 5Page - Maxim Integrated Products MAX8903A Datasheet HTML 6Page - Maxim Integrated Products MAX8903A Datasheet HTML 7Page - Maxim Integrated Products MAX8903A Datasheet HTML 8Page - Maxim Integrated Products MAX8903A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
MAX8903A–E/G/H/J/N/Y
2A 1-Cell Li+ DC-DC Chargers
for USB and Adapter Power
4
Maxim Integrated
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
BATTERY CHARGER
TA = +25°C
4.179
4.200
4.221
MAX8903A/B/C/G/H
TA = -40°C to +85°C
4.158
4.200
4.242
TA = +25°C
4.079
4.100
4.121
MAX8903D/E
TA = -40°C to +85°C
4.059
4.100
4.141
TA = +25°C
4.328
4.350
4.372
MAX8903J
TA = -40°C to +85°C
4.307
4.350
4.394
TA = +25°C
4.129
4.150
4.171
BAT Regulation Voltage
(VBATREG)
IBAT = 0mA
MAX8903Y/N
TA = -40°C to +85°C
4.109
4.150
4.192
V
Charger Restart Threshold
Change in VBAT from DONE to fast-charge
-150
-100
-60
mV
MAX8903A/C/D/H/J/N/Y
2.9
3.0
3.1
BAT Prequal Threshold (VBATPQ)
VBAT rising 180mV
hystersis
MAX8903B/E/G
2.4
2.5
2.6
V
Prequal Charge Current
Percentage of fast-charge current set at ISET
10
%
RISET = 600
Ω
1800
2000
2200
RISET = 1.2k
Ω (MAX8903A/C/D)
900
1000
1100
Fast-Charge Current
RISET = 2.4k
Ω
450
500
550
mA
DONE Threshold (ITERM)
Percentage of fast-charge, IBAT decreasing
10
%
RISET Resistor Range
0.6
2.4
k
Ω
ISET Output Voltage
1.5
V
ISET Current Monitor Gain
1.25
mA/A
No DC or USB input
0.05
4
BAT Leakage Current
With valid input power, VCEN = 5V
3
6
µA
Charger Soft-Start Time
1.0
ms
Charger Thermal Limit
Temperature
100
°C
Charger Thermal Limit Gain
Charge current = 0 at +120°C
5
%/°C
CHARGER TIMER
Prequalification Time
CCT = 0.15µF
33
min
Fast-Charge Time
CCT = 0.15µF
660
min
MAX8903A/C/D/H/J/N/Y (fixed)
15
s
Top-Off Timer (tTOP-OFF)
MAX8903B/E/G, CCT = 0.15µF
132
min
Timer Accuracy
-15
+15
%
Timer Extend Current Threshold
Percentage of fast-charge current below which the timer
clock operates at half-speed
40
50
60
%
Timer Suspend Current Threshold
Percentage of fast-charge current below which timer
clock pauses
16
20
24
%
ELECTRICAL CHARACTERISTICS (continued)
(VDC = VUSB = 5V, VBAT = 4V, circuit of Figure 2, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com