Electronic Components Datasheet Search
  English  ▼

X  

MAX17682 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17682
Description  4.5V to 42V Input, Ultra-Small
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17682 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17682 Datasheet HTML 1Page - Maxim Integrated Products MAX17682 Datasheet HTML 2Page - Maxim Integrated Products MAX17682 Datasheet HTML 3Page - Maxim Integrated Products MAX17682 Datasheet HTML 4Page - Maxim Integrated Products MAX17682 Datasheet HTML 5Page - Maxim Integrated Products MAX17682 Datasheet HTML 6Page - Maxim Integrated Products MAX17682 Datasheet HTML 7Page - Maxim Integrated Products MAX17682 Datasheet HTML 8Page - Maxim Integrated Products MAX17682 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX17682 is a high-voltage, high-efficiency, iso-buck
DC-DC converter designed to provide isolated power up
to 10W. The device operates over a wide 4.5V to 42V
input voltage range and uses primary-side feedback
to regulate the output voltage. It delivers primary peak
current up to 3.7A and regulates primary output voltage to
within ±1.2% over -40°C to +125°C.
The device features peak-current-mode control with
pulse-width modulation (PWM) scheme. The low-resis-
tance, on-chip MOSFETs ensure high efficiency at full
load and simplify the layout.
A programmable soft-start feature allows users to reduce
input inrush current. The device also incorporates an
output enable/undervoltage lockout pin (EN/UVLO) that
allows the user to turn on the part at the desired input-
voltage level. An open-drain RESETB pin provides a
delayed power-good signal to the system upon achieving
successful regulation of the primary output voltage.
The device operates over the -40°C to +125°C industrial
temperature range and is available in a compact 20-pin
(4mm x 4mm) TQFN package. Simulation models are
available.
Applications
● Industrial Process Control
● Communication Hub in Smart meters
● Isolated Power Supplies in Medical Equipment
● Floating Power Supply Generation
Benefits and Features
● Eliminates External Components and Reduces Total
Cost
• Synchronous Primary Operation for High Efficiency
and Reduced Cost
• All-Ceramic Capacitors, Ultra-Compact Layout
● Reduces Number of DC-DC Regulators to Stock
• Wide 4.5V to 42V Input Voltage Range
• 0.9V to 92% VIN Primary Output Voltage
• Delivers up to 3.7A Peak Current
• 100kHz to 500kHz Adjustable Frequency with
External Synchronization
• Available in a 20-Pin, 4mm x 4mm TQFN Package
● Reduces Power Dissipation
• Peak Efficiency > 90%
• Shutdown Current = 2.8μA (typ)
● Operates Reliably in Adverse Industrial Environments
• Hiccup-Mode Current Limit, Sink Current Limit, and
Auto-Retry Startup
• Programmable EN/UVLO Threshold
• Adjustable Soft-Start
• High Industrial -40°C to +125°C Ambient Operating
Temperature Range
• -40°C to +150°C Junction Temperature Range
Ordering Information appears at end of data sheet.
19-8639; Rev 1; 4/18
MAX17682
4.5V to 42V Input, Ultra-Small, High-Efficiency,
Iso-Buck DC-DC Converter
EVALUATION KIT AVAILABLE
Click
here for production status of specific part numbers.


Similar Part No. - MAX17682

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17682EVKIT MAXIM-MAX17682EVKIT Datasheet
611Kb / 9P
MAX17682 for Isolated 12V Output Configuration
Rev 1; 4/18
MAX17682EVKITD MAXIM-MAX17682EVKITD Datasheet
1Mb / 10P
MAX17682 for Isolated -15V Dual-Output Configuration
Rev 0; 4/18
More results

Similar Description - MAX17682

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22675 TI-LM22675 Datasheet
1Mb / 23P
Wide Input Voltage Range: 4.5V to 42V, Internally Compensated Voltage Mode Control
LMR14203 TI-LMR14203 Datasheet
804Kb / 16P
Input Voltage Range of 4.5V to 42V, Output Voltage Range of 0.765V to 34V
logo
Maxim Integrated Produc...
MAX17532 MAXIM-MAX17532 Datasheet
1Mb / 21P
Wide 4V to 42V Input
Rev 1; 3/15
MAX17681 MAXIM-MAX17681_18 Datasheet
762Kb / 19P
4.5V to 42V Input, High-Efficiency
Rev 4; 3/18
MAX17687 MAXIM-MAX17687 Datasheet
751Kb / 19P
4.5V to 60V Input, Ultra-Small, High-Efficiency, Iso-Buck DC-DC Converter
Rev 0; 12/18
MAXM15464 MAXIM-MAXM15464 Datasheet
1Mb / 9P
One 4.5V to 42V DC, 300mA power supply
Rev 0; 1/19
MAX25201EVKIT MAXIM-MAX25201EVKIT Datasheet
881Kb / 7P
4.5V to 42V Input Supply Range
Rev 0; 8/19
MAX17498BBEVKIT MAXIM-MAX17498BBEVKIT_V01 Datasheet
1Mb / 6P
4.5V to 10V Input Range
2013
logo
Rohm
BD9G201EFJ-LB ROHM-BD9G201EFJ-LB_V01 Datasheet
1Mb / 31P
4.5V to 42V Input Voltage Range 1.5A Output Current Integrated FET 1ch Buck Converter
29.Mar.2022 Rev.002
BD9G401EFJ-M ROHM-BD9G401EFJ-M_V01 Datasheet
1Mb / 31P
4.5V to 42V Input Voltage Range 3.5A Output Current Integrated FET 1ch Buck Converter
29.Mar.2022 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com