Electronic Components Datasheet Search
  English  ▼

X  

MAX38902 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX38902
Description  Evaluation Kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX38902 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX38902 Datasheet HTML 1Page - Maxim Integrated Products MAX38902 Datasheet HTML 2Page - Maxim Integrated Products MAX38902 Datasheet HTML 3Page - Maxim Integrated Products MAX38902 Datasheet HTML 4Page - Maxim Integrated Products MAX38902 Datasheet HTML 5Page - Maxim Integrated Products MAX38902 Datasheet HTML 6Page - Maxim Integrated Products MAX38902 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX38902A/B/C/D
MAX38902 Evaluation Kit
MAX38902 EV Kit Bill of Materials
ITEM
QTY
REF DES
VAR STATUS
MAXINV
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
2
C1, C101
Pref
20-00U01-77
C1608C0G1H103J;
CGA3E2C0G1H103J080AD;
GRM1885C1H103JA01
TDK; MURATA
0.01µF
CAPACITOR; SMT (0603); CERAMIC CHIP; 0.01µF;
50V; TOL = 5%; TG = -55°C to +125°C; TC = C0G
2
4
C2, C3, C102, C103
Pref
20-004U7-R1
GMC10X7R475K6R3NT;
CL10B475KQ8NQNC
CAL-CHIP ELECTRONIC INC./
SAMSUNG EL
4.7µF
CAPACITOR; SMT (0603); CERAMIC CHIP; 4.7µF; 6.3V;
TOL = 10%; MODEL = TG = -55°C TO +125°C; TC = X7R;
NOT RECOMMENDED FOR NEW DESIGN-USE 20-004u7-16
3
8
IN, GND, IN1, OUT,
GND1, OUT1, GND_OUT,
GND1_OUT
Pref
02-15142-00
1514-2
KEYSTONE
1514-2
TERMINAL; TURRET; PIN DIA = 0.090IN; TOTAL LENGTH = 0.105IN;
BOARD HOLE = 0.098IN; BRASS; TIN PLATING;
RECOMMENDED FOR BOARD THICKNESS = 0.062IN
4
4
JU1, JU101,
SELECTA, SELECTB
Pref
01-PEC03SAAN3P-21
PEC03SAAN
SULLINS
PEC03SAAN
CONNECTOR; MALE; THROUGH HOLE;
BREAKAWAY; STRAIGHT; 3PINS
5
1
POK
Pref
02-TPMINI5002-00
5002
KEYSTONE
N/A
TEST POINT; PIN DIA = 0.1IN; TOTAL LENGTH = 0.3IN;
BOARD HOLE = 0.04IN; WHITE; PHOSPHOR BRONZE WIRE SILVER;
NOT FOR COLD TEST
6
1
R1
Pref
80-0909K-AA4
CRCW0603909KFK
VISHAY DALE
909K
RESISTOR; 0603; 909KΩ; 1%; 100PPM; 0.1W; THICK FILM
7
1
R2
Pref
80-0200K-24
CRCW06032003FK
VISHAY DALE
200K
RESISTOR; 0603; 200K; 1%; 100PPM; 0.10W; THICK FILM
8
1
R101
Pref
80-0000R-AA6
CRCW06030000Z0
VISHAY DALE
0
RESISTOR; 0603; 0Ω; 0%; JUMPER; 0.1W; THICK FILM
9
4
SU1-SU4
Pref
02-JMPFSTC02SYAN-00
STC02SYAN
SULLINS ELECTRONICS CORP.
STC02SYAN
TEST POINT; JUMPER; STR; TOTAL LENGTH = 0.256IN; BLACK;
INSULATION = PBT CONTACT = PHOSPHOR BRONZE;
COPPER PLATED TIN OVERALL
10
4
TP3, TP4, TP5, TP6
Pref
01-131435300-10
131-4353-00
TEKTRONICS
131-4353-00
CONNECTOR; WIREMOUNT;
CIRCUIT BOARD TEST POINT MINIATURE PROBE; STRAIGHT; 4PINS
11
2
TP_GND, TP_GND1
Pref
02-TPMINI5001-00
5001
KEYSTONE
N/A
TEST POINT; PIN DIA = 0.1IN; TOTAL LENGTH = 0.3IN; BOARD HOLE = 0.04IN;
BLACK; PHOSPHOR BRONZE WIRE SILVER PLATE FINISH;
RECOMMENDED FOR BOARD THICKNESS = 0.062IN; NOT FOR COLD TEST
12
2
TP_OUT, TP_OUT1
Pref
02-TPMINI5000-00
5000
KEYSTONE
N/A
TEST POINT; PIN DIA = 0.1IN; TOTAL LENGTH = 0.3IN;
BOARD HOLE = 0.04IN; RED; PHOSPHOR BRONZE WIRE SILVER PLATE FINISH;
RECOMMENDED FOR BOARD THICKNESS = 0.062IN; NOT FOR COLD TEST
13
1
U1
Pref
00-SAMPLE-01
MAX38902C-ANT+
MAXIM
MAX38902C-ANT+
EVKIT PART - IC; MAX38902C-ANT+; WLP6;
PACKAGE OUTLINE DEVICE: 21-100055; PKG. CODE: N60C1+1
14
1
U101
Pref
00-SAMPLE-02
MAX38902A-ATA+
MAXIM
MAX38902A-ATA+
EVKIT PART - IC; MAX38902A-ATA+;
PACKAGE OUTLINE DEVICE: 21-0168; PACKAGE CODE XXXX
15
1
PCB
-
EPCB
MAX
MAXIM
PCB
PCB:MAX
-
TOTAL
37
ITEM
QTY
REF DES
VAR STATUS
MAXINV
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
8
TP_IN, TP_IN1, TP1_OUT,
TP1_OUT1, TP_GND_IN,
TP_GND1_IN,
TP1_GND_OUT,
TP1_GND1_OUT
DNP
02-TPMINI5002-00
5002
KEYSTONE
N/A
TEST POINT; PIN DIA = 0.1IN; TOTAL LENGTH = 0.3IN; BOARD HOLE = 0.04IN;
WHITE; PHOSPHOR BRONZE WIRE SILVER; NOT FOR COLD TEST
2
0
C1
DNP
20-00U01-R0
C1608C0G1E103J
TDK
0.01UF
CAPACITOR; SMT (0603); CERAMIC CHIP; 0.01µF; 25V; TOL = 5%;
MODEL=; TG = -55°C TO +125°C; TC = C0G
3
0
C2
DNP
20-004U7-18
C1608X5R1C475K080AC
TDK/TAIYO YUDEN
4.7µF
CAPACITOR; SMT (0603); CERAMIC CHIP; 4.7µF; 16V; TOL = 10%; MODEL=;
TG = -55°C TO +85°C; TC = X5R
4
0
C2
DNP
20-004U7-A66
GRM188C71A475KE11;
C1608X7S1A475K080AC
MURATA; TDK
4.7µF
CAPACITOR; SMT (0603); CERAMIC CHIP; 4.7µF; 10V; TOL = 10%;
TG = -55°C TO +125°C; TC = X7S
5
2
C4, C104
DNP
N/A
N/A
N/A
OPEN
PACKAGE OUTLINE 0603 NON-POLAR CAPACITOR - EVKIT
6
2
R3, R105
DNP
N/A
N/A
N/A
SHORT
PACKAGE OUTLINE 0603 RESISTOR - EVKIT
7
3
R102-R104
DNP
N/A
N/A
N/A
OPEN
PACKAGE OUTLINE 0603 RESISTOR - EVKIT
TOTAL
15
ITEM
QTY
REF DES
VAR STATUS
MAXINV
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
1
PACKOUT_BOX
Pref
88-00711-SML
88-00711-SML
N/A
?
BOX;SMALL BROWN 9 3/16X7X1 1/4 - PACKOUT
2
1
PACKOUT_BOX
Pref
87-02162-00
87-02162-00
N/A
?
ESD BAG;BAG;STATIC SHIELD ZIP 4inX6in;W/ESD LOGO - PACKOUT
3
1
PACKOUT_BOX
Pref
85-MAXKIT-PNK
85-MAXKIT-PNK
N/A
?
PINK FOAM;FOAM;ANTI-STATIC PE 12inX12inX5MM - PACKOUT
4
1
PACKOUT_BOX
Pref
EVINSERT
EVINSERT
N/A
?
WEB INSTRUCTIONS FOR MAXIM DATA SHEET
5
1
PACKOUT_BOX
Pref
85-84003-006
85-84003-006
N/A
?
LABEL(EV KIT BOX) - PACKOUT
6
4
BUMP1-BUMP4
DNI
02-SJ5003-00
SJ-5003(BLACK)
3M ELECTRONIC
SOLUTIONS DIVISION
SJ-5003(BLACK)
BUMPER; BLACK-HEMISPHERICAL SHAPE EVKIT EH0231;
0.44D/0.2BH; RESILIENT ELASTOMER POLYURETHANE
TOTAL
9
DO NOT PURCHASE(DNP)
PACKOUT (These are purchased parts but not assembled on PCB and will be shipped with PCB)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com