Electronic Components Datasheet Search
  English  ▼

X  

EA31FS4 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # EA31FS4
Description  Low Forward Voltage drop Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

EA31FS4 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  EA31FS4 Datasheet HTML 1Page - Nihon Inter Electronics Corporation EA31FS4 Datasheet HTML 2Page - Nihon Inter Electronics Corporation EA31FS4 Datasheet HTML 3Page - Nihon Inter Electronics Corporation EA31FS4 Datasheet HTML 4Page - Nihon Inter Electronics Corporation EA31FS4 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
OUTLINE DRAWING
Maximum Ratings
Approx Net Weight:0.35g
Rating
Symbol
EA31FS4
Unit
Repetitive Peak Reverse Voltage
VRRM
400
V
Non-repetitive Peak Reverse Voltage
VRSM
440
V
P.C.Board
mounted *
1.4
Ta=34
°C
Average Rectified
Output Current
-
IO
3.0
Tc=125
°C
50Hz Half Sine Wave
Resistive Load
A
RMS Forward Current
IF(RMS)
4.71
A
Surge Forward Current
IFSM
45
50Hz Half Sine Wave,1cycle,
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
- 40 to + 150
°C
Storage Temperature Range
Tstg
- 40 to + 150
°C
Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Min Typ Max Unit
Peak Reverse Current
IRM
Tj=25
°C,VRM=VRRM per Arm
-
-
20
µA
Peak Forward Voltage
VFM
Tj=25
°C,IFM= 3 A per Arm
-
-
1.25
V
Reverse Recovery Time
trr
IFM= 3 A,
-di/dt= 50 A/
µs, Ta= 25°C
-
-
30
ns
Junction to Ambient
Rth(j-a)
P.C.Board mounted *
-
-
80
°C/W
Thermal
Resistance
Junction to Case
Rth(j-c)
-
-
-
6
°C/W
* Print Land = 20x20 mm
FRD Type :
EA
EA
EA
EA33331F
1F
1F
1FS4
S4
S4
S4
FEATURES
* TO-251AA Case
* Ultra – Fast Recovery
* Low Forward Voltage drop
* Low Power Loss
* High Surge Capability
* 200 Volts thru 600 Volts Types Available


Similar Part No. - EA31FS4

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
EA31FS4 KSS-EA31FS4 Datasheet
863Kb / 6P
Fast Recovery Diode
logo
Nihon Inter Electronics...
EA31FS4-F NIEC-EA31FS4-F Datasheet
51Kb / 5P
FRD - Low Power Loss
logo
Kyocera Kinseki Corpota...
EA31FS4-F KSS-EA31FS4-F Datasheet
866Kb / 6P
Fast Recovery Diode
logo
National Instruments Co...
EA31FS4-F_2015 NI-EA31FS4-F_2015 Datasheet
119Kb / 1P
FRED
EA31FS4_2015 NI-EA31FS4_2015 Datasheet
133Kb / 1P
FRED
More results

Similar Description - EA31FS4

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
EA60QC04-F NIEC-EA60QC04-F Datasheet
32Kb / 2P
Low Forward Voltage drop Diode
11EQS03L NIEC-11EQS03L Datasheet
24Kb / 2P
Low Forward Voltage drop Diode
NSD03A10 NIEC-NSD03A10 Datasheet
40Kb / 5P
Low Forward Voltage Drop Diode
GCQ30A04 NIEC-GCQ30A04 Datasheet
30Kb / 2P
Low Forward Voltage drop Diode
20KDA10 NIEC-20KDA10 Datasheet
41Kb / 5P
Low Forward Voltage drop Diode
GSF10A20B NIEC-GSF10A20B Datasheet
31Kb / 2P
Low Forward Voltage drop Diode
11DQ03L NIEC-11DQ03L Datasheet
37Kb / 6P
Low Forward Voltage drop Diode
11EQ06 NIEC-11EQ06 Datasheet
40Kb / 6P
Low Forward Voltage drop Diode
11EQ09 NIEC-11EQ09 Datasheet
40Kb / 6P
Low Forward Voltage drop Diode
20NFA60 NIEC-20NFA60 Datasheet
48Kb / 5P
Low Forward Voltage drop Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com