Electronic Components Datasheet Search
  English  ▼

X  

BT169W Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BT169W
Description  isc Thyristors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BT169W Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BT169W Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Thyristors
BT169W
FEATURES
·
With SOT-223 package
·
Sensitive gate trigger current
·
Low reverse and forward blocking current
·
Low holding current
·
For general purpose switching and phase control applications.
·
Minimum Lot-to-Lot variations for robust device performance
and reliable operation
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak off-state voltage
600
V
IT(AV)
Average on-state current
0.63
A
IT(RMS)
RMS on-state current
1
A
PGM
Peak gate power
2
W
PG(AV)
Average gate power
0.1
W
ITSM
Non-repetitive peak on-state current
8
A
Tj
Operating junction temperature
-40~110
℃
Tstg
Storage temperature
-40~150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak off-state voltage VRRM=600V
5
μ
A
Repetitive peak reverse voltage
VRRM=600V;Tj=110℃
100
IDRM
Repetitive peak reverse current
VRRM=600V
5
μ
A
Repetitive peak off-state current
VDRM=600V;Tj=110℃
100
IGT
Gate trigger current
VD= 12V; IT= 10mA
120
μ
A
VTM
On-state voltage
IT=2A
1.5
V
IH
Holding current
IGT=0.5mA ,VD=12V
5
mA
VGT
Gate trigger voltage
VD= 12V; IT= 10mA
0.8
V


Similar Part No. - BT169W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT169W PHILIPS-BT169W Datasheet
52Kb / 7P
Thyristor logic level
September 1997 Rev 1.200
More results

Similar Description - BT169W

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com