Electronic Components Datasheet Search
  English  ▼

X  

MSM5839 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM5839
Description  40-DOT SEGMENT DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5839 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM5839 Datasheet HTML 1Page - OKI electronic componets MSM5839 Datasheet HTML 2Page - OKI electronic componets MSM5839 Datasheet HTML 3Page - OKI electronic componets MSM5839 Datasheet HTML 4Page - OKI electronic componets MSM5839 Datasheet HTML 5Page - OKI electronic componets MSM5839 Datasheet HTML 6Page - OKI electronic componets MSM5839 Datasheet HTML 7Page - OKI electronic componets MSM5839 Datasheet HTML 8Page - OKI electronic componets MSM5839 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
¡ Semiconductor
MSM5839B
4/11
ABSOLUTE MAXIMUM RATINGS
*1
VDD>V2>V3>VEE
*2
Applies when a series resistor of 47W or more is connected as shown below.
Parameter
Symbol
Condition
Rating
Unit
Supply Voltage (1)
VDD
*2
*1
*1
Supply Voltage (2)
Input Voltage
Storage Temperature
VDD–VEE
VDD–VEE
V1
TSTG
Ta = 25°C
Ta = 25°C
Ta = 25°C
Ta = 25°C
—
–
0.3 to +6
0 to 18
0 to 18
–
0.3 to VDD +0.3
–
55 to +150
V
V
V
V
°C
VDD
V2
V3
VEE
MSM5839B
VDD–VEE
+V
–V
RS 47W
=>
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com