Electronic Components Datasheet Search
  English  ▼

X  

MSM5839C Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM5839C
Description  40-DOT SEGMENT DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5839C Datasheet(HTML) 5 Page - OKI electronic componets

  MSM5839C Datasheet HTML 1Page - OKI electronic componets MSM5839C Datasheet HTML 2Page - OKI electronic componets MSM5839C Datasheet HTML 3Page - OKI electronic componets MSM5839C Datasheet HTML 4Page - OKI electronic componets MSM5839C Datasheet HTML 5Page - OKI electronic componets MSM5839C Datasheet HTML 6Page - OKI electronic componets MSM5839C Datasheet HTML 7Page - OKI electronic componets MSM5839C Datasheet HTML 8Page - OKI electronic componets MSM5839C Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
¡ Semiconductor
MSM5839C
5/9
Switching Characteristics
CP
DI1, DI21
DO20, DO40
LOAD
0.8VDD
tw(CP)
0.8VDD
tf(CP)
tw(CP)
0.2VDD
tr(CP)
0.8VDD
0.2VDD
0.8VDD
0.2VDD
0.8VDD 0.8VDD
0.2VDD 0.2VDD
0.8
0.8
VDD
VDD
0.2
0.2
VDD
VDD
tHOLD
tSETUP
tHOLD
tSETUP
0.8VDD
0.2VDD
tPLH
tPHL
tCL
0.2VDD
0.2VDD
tLC
tf(L)
tw(L)
tr(L)
Parameter
(VDD = 5V ±10%, Ta = –20° to +85°C, CL = 15pF)
Symbol
Condition
Min.
Typ.
Max.
Unit
"H", "L" Propagation Delay Time
tPLH
tPHL
—
—
—
250
ns
Clock Frequency
fCP
—
—
2
MHz
Clock Pulse Width
tW(CP)
150
—
—
ns
LOAD Pulse Width
tW(L)
150
—
—
ns
Data Setup Time DI to CP
tSETUP
100
—
—
ns
CP Rise/Fall Time
tr(CP)
tf(CP)
——50
ns
LOAD Rise/Fall Time
tr(L)
tf(L)
——
1
ms
DUTY = 50%
—
—
—
—
—
CP to LOAD Time
tCL
250
—
—
ns
—
LOAD to CP Time
tLC
0—
—
ns
—
DATA Hold Time DI to CP
tHOLD
50——
ns
—



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com