Electronic Components Datasheet Search
  English  ▼

X  

CS42528 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS42528
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528 Datasheet(HTML) 1 Page - Cirrus Logic

  CS42528 Datasheet HTML 1Page - Cirrus Logic CS42528 Datasheet HTML 2Page - Cirrus Logic CS42528 Datasheet HTML 3Page - Cirrus Logic CS42528 Datasheet HTML 4Page - Cirrus Logic CS42528 Datasheet HTML 5Page - Cirrus Logic CS42528 Datasheet HTML 6Page - Cirrus Logic CS42528 Datasheet HTML 7Page - Cirrus Logic CS42528 Datasheet HTML 8Page - Cirrus Logic CS42528 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 91 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
CS42528
114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
Features
Eight 24-bit D/A, two 24-bit A/D Converters
114 dB DAC / 114 dB ADC Dynamic Range
-100 dB THD+N
System Sampling Rates up to 192 kHz
S/PDIF Receiver Compatible with EIAJ CP1201
and IEC-60958
Recovered S/PDIF Clock or System Clock
Selection
8:2 S/PDIF Input MUX
ADC High-pass Filter for DC Offset Calibration
Expandable ADC Channels and One-line Mode
Support
Digital Output Volume Control with Soft Ramp
Digital +/-15dB Input Gain Adjust for ADC
Differential Analog Architecture
Supports logic levels between 5 V and 1.8 V.
General Description
The CS42528 codec provides two analog-to-digital and eight
digital-to-analog delta-sigma converters, as well as an integrat-
ed S/PDIF receiver, in a 64-pin LQFP package.
The CS42528 integrated S/PDIF receiver supports up to eight
inputs, clock recovery circuitry and format auto-detection. The
internal stereo ADC is capable of independent channel gain
control for single-ended or differential analog inputs. All eight
channels of DAC provide digital volume control and differential
analog outputs. The general purpose outputs may be driven
high or low, or mapped to a variety of DAC mute controls or
ADC overflow indicators.
The CS42528 is ideal for audio systems requiring wide dynam-
ic range, negligible distortion and low noise, such as A/V
receivers, DVD receivers, digital speaker and automotive audio
systems.
ORDERING INFORMATION
CS42528-CQZ
-10° to 70° C
64-pin LQFP
Lead Free
CS42528-DQZ
-40° to 85° C
64-pin LQFP
Lead Free
CDB42528
Evaluation Board
RST
RXP0
RXP1/G PO 1
AD0/CS
SCL/CCLK
SDA/C DO UT
AD 1/C DIN
VLC
AO UT A1+
AO UT A1-
AO U TB1+
AO U TA3+
AO UT A3-
AO UT A2-
AO U TB2-
AO U TA2+
AO UT B2+
AO UTB1-
AO U TB3+
AO UTB3-
AO UT A4+
AO U TA4-
AO UT B4+
AO UT B4-
AINL+
AINL-
AIN R+
AINR -
FILT+
REFG ND
VQ
Ref
ADC#1
ADC #2
Digital Filter
Digital Filter
G ain & C lip
G ain & Clip
CX_SDO UT
AD CIN1
ADC IN2
CX_SCLK
CX_LRC K
CX_SDIN4
CX_SDIN3
CX_SDIN2
CX_SDIN1
VLS
SAI_LRC K
SAI_SCLK
SAI_SDO UT
DGND
VD
OM CK
RM CK
LPF LT
TXP
IN T
Rx
Clock/D ata
Recovery
S/PDIF
Decoder
DEM
Serial
Audio
Interface
Port
C&U Bit
Data Buffer
Control
Port
DAC #1
DAC#2
DAC#3
DAC#4
DAC#5
DAC#6
DAC#7
DAC #8
DG N D
RXP2/G PO 2
RXP3/G PO 3
RXP4/G PO 4
RXP5/G PO 5
RXP6/G PO 6
RXP7/G PO 7
VD
MUTEC
GPO
MUTE
VARX
AG ND
ADC
Serial
Data
AG ND
VA
Internal M CLK
CO D EC
Serial
Port
M ult/Div
Form at
Detector
JAN ‘05
DS586PP5


Similar Part No. - CS42528

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42528 CIRRUS-CS42528 Datasheet
1Mb / 91P
114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42528-CQZ CIRRUS-CS42528-CQZ Datasheet
1Mb / 91P
114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42528-CQZR CIRRUS-CS42528-CQZR Datasheet
1Mb / 91P
114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42528-DQZ CIRRUS-CS42528-DQZ Datasheet
1Mb / 91P
114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42528-DQZR CIRRUS-CS42528-DQZR Datasheet
1Mb / 91P
114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
More results

Similar Description - CS42528

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42516 CIRRUS-CS42516 Datasheet
1Mb / 90P
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42526 CIRRUS-CS42526 Datasheet
1Mb / 90P
114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42518 CIRRUS-CS42518 Datasheet
1Mb / 91P
110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42418 CIRRUS-CS42418_05 Datasheet
1Mb / 73P
110 dB, 192 kHz 8-Ch Codec with PLL
CS42426 CIRRUS-CS42426_05 Datasheet
1Mb / 73P
114 dB, 192 kHz 6-Ch Codec with PLL
CS42428 CIRRUS-CS42428_05 Datasheet
1Mb / 73P
114 dB, 192 kHz 8-Ch Codec with PLL
CS42516 CIRRUS-CS42516_05 Datasheet
1Mb / 91P
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42518 CIRRUS-CS42518_05 Datasheet
1Mb / 91P
110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42526 CIRRUS-CS42526_05 Datasheet
1Mb / 93P
114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42528 CIRRUS-CS42528_05 Datasheet
1Mb / 91P
114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com