Electronic Components Datasheet Search
  English  ▼

X  

CS61600 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CS61600
Description  PCM JITTER ATTENUATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS61600 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CS61600 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS61600 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS61600 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS61600 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS61600 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS61600 Datasheet HTML 11Page - List of Unclassifed Manufacturers CS61600 Datasheet HTML 12Page - List of Unclassifed Manufacturers CS61600 Datasheet HTML 13Page - List of Unclassifed Manufacturers CS61600 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
8/24/99 : CIRRUS LOGIC --- CRYSTAL SEMICONDUCTOR : 14 PIN PLASTIC (PDIP) PACKAGE DRAWING
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.000
0.210
0.00
5.33
A1
0.015
0.025
0.38
0.64
A2
0.115
0.195
2.92
4.95
b
0.014
0.022
0.36
0.56
b1
0.045
0.070
1.14
1.78
c
0.008
0.014
0.20
0.36
D
0.735
0.775
18.67
19.69
E
0.300
0.325
7.62
8.26
E1
0.240
0.280
6.10
7.11
e
0.090
0.110
2.29
2.79
eA
0.280
0.320
7.11
8.13
eB
0.300
0.430
7.62
10.92
eC
0.000
0.060
0.00
1.52
L
0.115
0.150
2.92
3.81
∝
0°
15°
0°
15°
14 PIN PLASTIC (PDIP) PACKAGE DRAWING
E1
D
SEATING
PLANE
b1
e
b
A
L
A1
∝
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1
eA
c
A2
E
eC
eB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com