Electronic Components Datasheet Search
  English  ▼

X  

BC858C Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # BC858C
Description  SURFACE MOUNT PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BC858C Datasheet(HTML) 2 Page - Central Semiconductor Corp

  BC858C Datasheet HTML 1Page - Central Semiconductor Corp BC858C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
SOT-23 CASE - MECHANICAL OUTLINE
BC856 SERIES
BC857 SERIES
BC858 SERIES
SURFACE MOUNT
PNP SILICON TRANSISTOR
R1 (10-September 2004)
LEAD CODE:
DEVICE
MARKING CODE
BC856A
3A
BC856B
3B
BC857A
3E
BC857B
3F
BC857C
3G
BC858A
3J
BC858B
3K
BC858C
3L
* Reverse Lead Codes Available, Add “R” to the end of the
Part # and Marking Code.
STANDARD
1) BASE
2) EMITTER
3) COLLECTOR
*REVERSE
1) EMITTER
2) BASE
3) COLLECTOR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com