Electronic Components Datasheet Search
  English  ▼

X  

MX205Q Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MX205Q
Description  Low Cost, 5.0g, Dual Axis Accelerometer with Analog Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MX205Q Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  MX205Q Datasheet HTML 1Page - List of Unclassifed Manufacturers MX205Q Datasheet HTML 2Page - List of Unclassifed Manufacturers MX205Q Datasheet HTML 3Page - List of Unclassifed Manufacturers MX205Q Datasheet HTML 4Page - List of Unclassifed Manufacturers MX205Q Datasheet HTML 5Page - List of Unclassifed Manufacturers MX205Q Datasheet HTML 6Page - List of Unclassifed Manufacturers MX205Q Datasheet HTML 7Page - List of Unclassifed Manufacturers MX205Q Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Page 8 of 8
Data Sheet
MX205Q
Information furnished by MEMSIC is believed to be
accurate and reliable. However, no responsibility is
assumed by MEMSIC for its use, nor for any infringe-
ments of patents or other rights of third parties which
may result from its use. No license is granted by
implications or otherwise under any patent or patent
rights of MEMSIC.
Technical information.
Subject to change without notice.
Layout Notes
1. Use robust low inductance ground
wiring
2. Liberal use of ceramic bypass
capacitors
3. The capacitors should be located
as close as possible to the device
supply pins (VDA, VDD).
4. The capacitor lead length should
be as short as possible. Surface
mount capacitors are preferred.
Printed Circuit Board Layout and
Filter Requirements
®MEMSIC, Inc. 2000.
100 Burtt Road, Andover, MA 01810
Tel: 978.623.8188
•
Fax: 978.623.9945
www.memsic.com
MX201Q ANALOG Data Sheet N 8/1/01
Filtering Notes
1. Low pass filter – 200Hz, -3db
2. Ceramic capacitors C
3
, C
4
3. f = 1/2
πRC
4. Resistor R
3
, R
4
– 1/8 Watt,
5% tolerance
5. Reference Application Note
# AN-00MX-004
R3=
C3=
C4=
R4=



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com