Electronic Components Datasheet Search
  English  ▼

X  

MX205QC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MX205QC
Description  Low Cost, 5.0g, Dual Axis Accelerometer with Analog Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MX205QC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MX205QC Datasheet HTML 1Page - List of Unclassifed Manufacturers MX205QC Datasheet HTML 2Page - List of Unclassifed Manufacturers MX205QC Datasheet HTML 3Page - List of Unclassifed Manufacturers MX205QC Datasheet HTML 4Page - List of Unclassifed Manufacturers MX205QC Datasheet HTML 5Page - List of Unclassifed Manufacturers MX205QC Datasheet HTML 6Page - List of Unclassifed Manufacturers MX205QC Datasheet HTML 7Page - List of Unclassifed Manufacturers MX205QC Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MX205Q ANALOG Data Sheet N 8/1/01
1
2
3
6
7
8
9
10
5
4
Page 4 of 8
Data Sheet
Pin Function Descriptions
TOP-100 and LCC-8
PIN DESCRIPTION: TO -100 Package
Pin
Name
Description
1
VDD
Digital Supply Voltage
2
TOUT
Temperature
3
AOUTY
Acceleration Signal
4
GND
Ground
5
n/c
no connection
6
VDA
Analog Supply Voltage
7
AOUTX
Acceleration Signal
8
VREF
2.50V Reference Voltage
9
SCK
Serial Clock
10
RBias
no connection
PIN DESCRIPTION: LCC-8 Package
Pin
Name
Description
1
TOUT
Temperature
2
AOUTY
Acceleration Signal
3
GND
Ground
4
VDA
Analog Supply Voltage
5
AOUTX
Acceleration Signal
6
VREF
2.50V Reference Voltage
7
SCK
Serial Clock
8
VDD
Digital Supply Voltage
Top View
Top View
®MEMSIC, Inc. 2000.
100 Burtt Road, Andover, MA 01810
Tel: 978.623.8188
•
Fax: 978.623.9945
www.memsic.com
MX205Q
Optional external clock factory programmed
per customer request
*
*
*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com