Electronic Components Datasheet Search
  English  ▼

X  

DSP56854 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # DSP56854
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56854 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button DSP56854 Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56854 Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56854 Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56854 Datasheet HTML 82Page - Freescale Semiconductor, Inc DSP56854 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56854 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56854 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56854 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56854 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 662 page
background image
Power, Ground and Peripheral Signals
Overview, Rev. 4
Freescale Semiconductor
2-15
RESET
Input
Reset—This input is a direct hardware reset on the
processor. When RESET is asserted low, the
device is initialized and placed in the Reset state.
A Schmitt trigger input is used for noise immunity.
When the RESET pin is deasserted, the initial chip
operating mode is latched from the MODA, MODB,
and MODC pins.
To ensure complete hardware reset, RESET and
TRST should be asserted together. The only
exception occurs in a debugging environment
when a hardware device reset is required and it is
necessary not to reset the JTAG/EOnCE module.
In this case, assert RESET. Do not assert TRST.
11
11
1
RSTO
Output
Reset Output—This output is asserted on any
reset condition (external reset, low voltage,
software, or COP).
11
11
1
Table 2-9. Serial Communication Interface 0
Signal Name
Signal Type
Signal Description
853
Pins
854
Pins
855
Pins
857
Pins
858
Pins
RXDO
(GPIOE0)
Input
Input / Output
Serial Receive Data 0—This input receives
byte-oriented serial data and transfers it to the
SCI0 receive shift receiver.
Port E GPIO 0—This is a General Purpose I/O pin
capable of being independently programmed as an
input or output pin.
11
11
1
TXDO
(GPIOE1)
Output(Z)
Input / Output
Serial Transmit Data 0—This signal transmits
data from the SCI0 transmit data register.
Port E GPIO 1—This is a General Purpose I/O pin
capable of being independently programmed as an
input or output pin.
11
11
1
Table 2-8. Interrupt and Program Control (Continued)
Signal Name
Signal Type
Signal Description
853
Pins
854
Pins
855
Pins
857
Pins
858
Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com