Electronic Components Datasheet Search
  English  ▼

X  

AD8629 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8629
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8629 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8629 Datasheet HTML 11Page - Analog Devices AD8629 Datasheet HTML 12Page - Analog Devices AD8629 Datasheet HTML 13Page - Analog Devices AD8629 Datasheet HTML 14Page - Analog Devices AD8629 Datasheet HTML 15Page - Analog Devices AD8629 Datasheet HTML 16Page - Analog Devices AD8629 Datasheet HTML 17Page - Analog Devices AD8629 Datasheet HTML 18Page - Analog Devices AD8629 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD8628/AD8629
Rev. C | Page 15 of 20
PEAK-TO-PEAK NOISE
Because of the ping-pong action between auto-zeroing and
chopping, the peak-to-peak noise of the AD8628/AD8629 is
much lower than the competition. Figure 50 and Figure 51
show this comparison.
en p-p = 0.5µV
BW = 0.1Hz TO 10Hz
TIME (1s/DIV)
Figure 50. AD8628 Peak-to-Peak Noise
en p-p = 2.3µV
BW = 0.1Hz TO 10Hz
TIME (1s/DIV)
Figure 51. LTC2050 Peak-to-Peak Noise
NOISE BEHAVIOR WITH FIRST-ORDER LOW-PASS
FILTER
The AD8628 was simulated as a low-pass filter and then
configured as shown in Figure 52. The behavior of the AD8628
matches the simulated data. It was verified that noise is rolled
off by first-order filtering.
470pF
OUT
100k
Ω
IN
1k
Ω
Figure 52. Test Circuit: First-Order Low-Pass Filter—×101 Gain
and 3 kHz Corner Frequency
FREQUENCY (Hz)
50
45
40
35
30
25
15
10
5
20
0
0
30
60
100
90
80
70
50
40
20
10
Figure 53. Simulation Transfer Function of the Test Circuit
FREQUENCY (kHz)
50
45
40
35
30
25
15
10
5
20
0
0
30
60
100
90
80
70
50
40
20
10
Figure 54. Actual Transfer Function of Test Circuit
The measured noise spectrum of the test circuit shows that
noise between 5 kHz and 45 kHz is successfully rolled off by the
first-order filter.
TOTAL INTEGRATED INPUT-REFERRED NOISE
FOR FIRST-ORDER FILTER
For a first-order filter, the total integrated noise from the
AD8628 is lower than the LTC2050.
3dB FILTER BANDWIDTH (Hz)
10
1
0.1
10
100
10k
1k
LTC2050
AD8551
AD8628
Figure 55. 3 dB Filter Bandwidth in Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com